データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-1000 データシート(PDF) 2 Page - OKI electronic componets

部品番号 LM-1000
部品情報  Create Your Own Rework System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

LM-1000 データシート(HTML) 2 Page - OKI electronic componets

  LM-1000 Datasheet HTML 1Page - OKI electronic componets LM-1000 Datasheet HTML 2Page - OKI electronic componets LM-1000 Datasheet HTML 3Page - OKI electronic componets LM-1000 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT-1000ProgrammableHandHeldConvectionTool
The HCT-1000 System is a fully programmable hand held convection rework tool that can both remove and
place SMT components. It features digital controls, internal or external thermocouple feedback control, pro-
gram storage of up to 50 profiles and integrated vacuum pick-up for component placement and removal.Addi-
tionally, with multiple modes of operation including manual, 4 zone heating, and as part of the MRS-1000
System, the HCT-1000 stands out as a versatile convection tool.
The hand-piece features vacuum and reflow buttons allowing the process to be
operated manually or automatically through a profile when used as part of the
Modular Rework System (MRS).Additionally, the vacuum has automatic lift off
of components, at the end of the removal profile, taking guesswork out of the
operators’ hands and improving process control.
As part of the MRS System, the HCT-1000 is connected via a cable to the
PCT-1000, and may be used withATH-1000Adjustable Tool Holder. In this
mode the HCT-1000 provides timing control for both units and theATH-1000
allows repeatable place and remove operations.
ATH-1000AdjustableToolHolder
TheATH-1000AdjustableTool Holder is designed to work with the HCT-1000 or
as part of the MRS-1000 System.The tool holder features a board holder, locking
hand-piece retainer, Z axis stop and mounting configurations for stand-alone
operation or integrated as part of the MRS-1000.TheATH-1000 is sturdy and
easy to attach to the PCT-1000 Programmable Preheater when incorporated into
the MRS System.
The4componentsbelowcanbepurchasedasacompletesystem(MRS-1000)orasseparateitems.
Youchoose.
HNSeriesNozzles
Aseries of 14 Nozzles are available for use with the
MRS-1000 / HCT-1000. The nozzles fit applications
reworking components of all sizes from (including,
but not limited to) BGAs, QFPs, LGAs, PLCC and
SOIC.Acustom nozzle program is also available.
11
22
ConfiguretheSystemtoyourNeeds.
TwoAdjustable Tool Holder models are available:
- The
ATH-1000A uses theAdvanced Head
Assembly which features 4” of Z axis adjustment,
½” fine adjustment of the X & Y axis as well as
30° θ adjustment.
- The
ATH-1000B uses the Basic Head assembly
and provides 4” of Z axis adjustment.
ATH-BASE can be ordered separately when the
ATH-1000 is used as a standalone unit.


同様の部品番号 - LM-1000

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
LM-101-A102 ROITHNER-LM-101-A102 Datasheet
112Kb / 2P
   650nm Diode Line Laser Module
LM-101-A16 ROITHNER-LM-101-A16 Datasheet
110Kb / 2P
   650nm Diode Laser Module
LM-101-A4 ROITHNER-LM-101-A4 Datasheet
158Kb / 2P
   650nm Diode Laser Module
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
   635nm Diode Laser Module
LM-102-B004 ROITHNER-LM-102-B004 Datasheet
168Kb / 2P
   650nm Diode Laser Module
More results

同様の説明 - LM-1000

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOK-13997 SPARKFUN-BOK-13997 Datasheet
368Kb / 2P
   Make Your Own PCBs with Eagle
logo
Aries Electronics, Inc.
1109800-08 ARIES-1109800-08 Datasheet
825Kb / 1P
   Program Your Own Correct-A-Chip?
18046 ARIES-18046 Datasheet
903Kb / 1P
   Program Your Own Correct-A-Chip?
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
logo
SparkFun Electronics
BOK-14861 SPARKFUN-BOK-14861 Datasheet
346Kb / 2P
   Make Your Own PCBs with Eagle Second Edition
8-14-18
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com