データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-1000 データシート(PDF) 3 Page - OKI electronic componets

部品番号 LM-1000
部品情報  Create Your Own Rework System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

LM-1000 データシート(HTML) 3 Page - OKI electronic componets

  LM-1000 Datasheet HTML 1Page - OKI electronic componets LM-1000 Datasheet HTML 2Page - OKI electronic componets LM-1000 Datasheet HTML 3Page - OKI electronic componets LM-1000 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM-1000LightMagnifier
The LM-1000, Light Magnifier, is an integrated light and magnifier. It features
a 4x magnification lens and an integrated LED lighting system for shadow free
illumination. Use it as part of the MRS Modular Rework System by attaching it
to the back of theATH-1000 tool holder or configure it for standalone operation
with its own optional base plate (LM-BP).
PCT-1000ProgrammablePreheater
The PCT-1000 is a programmable preheater that provides users the ability to
increase heat capacity with highly controlled thermal output.The PCT-1000 can
be used in a variety of processes including soldering, desoldering, SMD rework
operations and, with its added heat capacity, will provide faster production rates
while lowering overall process temperatures.
The preheater can be used in two modes; manual for constant heater
temperature, and profile for greater control to maintain PCB board temperature
with external thermocouple feedback.
With four programmable heating zones and one cooling zone, users select time
and temperature targets, creating a preheat thermal profile.The PCT-1000 also
has an advanced heater control function where the temperature is controlled
either at the heater output (internal) or at the board (external thermocouple).
The PCT-1000 is equipped with the highly advanced heater design found on
sophisticated OK International rework systems. Its convection heater creates a
vortex effect that efficiently directs and concentrates heat.
MRS-1000Applications
The MRS-1000 is perfect for removal and placement of SMT
Components. Specific examples of applications include:
Simple removal and replacement of delicate SMTcomponents.
Quick, easy and cost effective removal of BGA& CSPthat will later
be placed with your dedicatedArray Package Rework System, this
increases the productivity of your rework area and reduces your
technicians workload.
Automaticity lifts the component at the end of the cycle, preventing
operators from prematurely lifting components and damaging
expensive PCBs.
33
44
MRS-1000Features
Digital display for repeatable temperature settings and profile control
Automatic control of the preheater for simple operation
Easy profile creation for operator repeatability
Integrated vacuum pickup for easy component removal
Hand held or tool holder mounted for operator comfort
Manual mode for quick setup
External thermocouple for process setup and verification
Digital controlled airflow for repeatable results
X,Y, Z andTheta controls for component alignment
Adjustable PCB holder for easy change outs
Automatic vacuum lift off at the end of the cycle
LM-BPcan be ordered separately when the LM-1000 is used as a standalone unit.


同様の部品番号 - LM-1000

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
LM-101-A102 ROITHNER-LM-101-A102 Datasheet
112Kb / 2P
   650nm Diode Line Laser Module
LM-101-A16 ROITHNER-LM-101-A16 Datasheet
110Kb / 2P
   650nm Diode Laser Module
LM-101-A4 ROITHNER-LM-101-A4 Datasheet
158Kb / 2P
   650nm Diode Laser Module
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
   635nm Diode Laser Module
LM-102-B004 ROITHNER-LM-102-B004 Datasheet
168Kb / 2P
   650nm Diode Laser Module
More results

同様の説明 - LM-1000

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOK-13997 SPARKFUN-BOK-13997 Datasheet
368Kb / 2P
   Make Your Own PCBs with Eagle
logo
Aries Electronics, Inc.
1109800-08 ARIES-1109800-08 Datasheet
825Kb / 1P
   Program Your Own Correct-A-Chip?
18046 ARIES-18046 Datasheet
903Kb / 1P
   Program Your Own Correct-A-Chip?
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
logo
SparkFun Electronics
BOK-14861 SPARKFUN-BOK-14861 Datasheet
346Kb / 2P
   Make Your Own PCBs with Eagle Second Edition
8-14-18
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com