データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-1000 データシート(PDF) 1 Page - OKI electronic componets

部品番号 LM-1000
部品情報  Create Your Own Rework System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

LM-1000 データシート(HTML) 1 Page - OKI electronic componets

  LM-1000 Datasheet HTML 1Page - OKI electronic componets LM-1000 Datasheet HTML 2Page - OKI electronic componets LM-1000 Datasheet HTML 3Page - OKI electronic componets LM-1000 Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MRS-1000Modular
ReworkSystem
CreateYourOwnReworkSystem
TheMRS-1000ModularReworkSystemisanintegratedconvectionreworksystemfor
theremovalandplacementofBGA/CSPandSMTcomponents.
TheMRS-1000iscomprisedofahandheldconvectiontool,preheater,andadjustabletoolholder
withboardholdertocreateamanuallyassistedreworksystem.Aseriesofnozzles,targetinga
varietyofapplications,andlightmagnifierroundouttheproductofferingforthissystem.
Withstandardfeaturessuchasprogrammability,adigitaldisplay,programstorageofupto50
profiles, this system is not only versatile, but also easy and efficient to work with.Achoice of
boardholdersandaccessoriesareavailablethatmakethesystemcapableofhandlingmultiple
sizes of PCBs.
TheMRS-1000allowsyouthechoiceofusingeithertheembeddedprofilingcapabilitythatcan
be configured to operate at a fixed temperature, or a four zone programming option. The unit
also allows the temperature to be controlled either at the heat output (internal) or at the board
(external). The “external” control function uses a thermocouple which can be placed on the
board or a component.
TAPintoOKInternational
TRAININGAdvantage-APPLICATIONAdvantage-PRODUCTIVITYAdvantage
www.beasuperproducer.com


同様の部品番号 - LM-1000

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
LM-101-A102 ROITHNER-LM-101-A102 Datasheet
112Kb / 2P
   650nm Diode Line Laser Module
LM-101-A16 ROITHNER-LM-101-A16 Datasheet
110Kb / 2P
   650nm Diode Laser Module
LM-101-A4 ROITHNER-LM-101-A4 Datasheet
158Kb / 2P
   650nm Diode Laser Module
LM-101-C4 ROITHNER-LM-101-C4 Datasheet
112Kb / 2P
   635nm Diode Laser Module
LM-102-B004 ROITHNER-LM-102-B004 Datasheet
168Kb / 2P
   650nm Diode Laser Module
More results

同様の説明 - LM-1000

メーカー部品番号データシート部品情報
logo
SparkFun Electronics
BOK-13997 SPARKFUN-BOK-13997 Datasheet
368Kb / 2P
   Make Your Own PCBs with Eagle
logo
Aries Electronics, Inc.
1109800-08 ARIES-1109800-08 Datasheet
825Kb / 1P
   Program Your Own Correct-A-Chip?
18046 ARIES-18046 Datasheet
903Kb / 1P
   Program Your Own Correct-A-Chip?
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
logo
SparkFun Electronics
BOK-14861 SPARKFUN-BOK-14861 Datasheet
346Kb / 2P
   Make Your Own PCBs with Eagle Second Edition
8-14-18
logo
List of Unclassifed Man...
MX-500 ETC1-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
MX-500 ETC-MX-500 Datasheet
624Kb / 2P
   New Metcal MX-500 Soldering and Rework System
DX110 ETC2-DX110 Datasheet
1Mb / 24P
   Desoldering & Rework Stations
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com