データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XX1007-BD データシート(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

部品番号 XX1007-BD
部品情報  Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1007-BD データシート(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  XX1007-BD Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1007-BD Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1007-BD Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1007-BD Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1007-BD Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1007-BD Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
Doubler
13.5-17.0/27.0-34.0 GHz
XX1007-BD
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Bias Arrangement
XX1007-BD
RFOUT
1
2
3
RFIN
Vd = 5V
Physical Dimensions


同様の部品番号 - XX1007-BD

メーカー部品番号データシート部品情報
logo
Mimix Broadband
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
XX1007-BD-000V MIMIX-XX1007-BD-000V Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD-EV1 MIMIX-XX1007-BD-EV1 Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
More results

同様の説明 - XX1007-BD

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT_15 Datasheet
758Kb / 6P
   Doubler
logo
Solid States Devices, I...
RU0163 SSDI-RU0163 Datasheet
221Kb / 2P
   DOUBLER
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT Datasheet
758Kb / 6P
   Doubler
XX1010-QT MA-COM-XX1010-QT Datasheet
183Kb / 5P
   Doubler
XX1007-BD MA-COM-XX1007-BD_15 Datasheet
864Kb / 6P
   Doubler
FD25H_V3 MA-COM-FD25H_V3 Datasheet
1Mb / 3P
   Frequency Doubler
FD93H MA-COM-FD93H Datasheet
754Kb / 3P
   Frequency Doubler
FD26 MA-COM-FD26 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Tyco Electronics
FD25H MACOM-FD25H Datasheet
75Kb / 2P
   FREQUENCY DOUBLER
logo
Spectrum Microwave, Inc...
FD9XMS-1 SPECTRUM-FD9XMS-1 Datasheet
962Kb / 1P
   Frequency Doubler
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com