データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP1500SOT89 データシート(PDF) 2 Page - Filtronic Compound Semiconductors

部品番号 LP1500SOT89
部品情報  LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LP1500SOT89 データシート(HTML) 2 Page - Filtronic Compound Semiconductors

  LP1500SOT89 Datasheet HTML 1Page - Filtronic Compound Semiconductors LP1500SOT89 Datasheet HTML 2Page - Filtronic Compound Semiconductors LP1500SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP1500SOT89
LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
Phone: (408) 988-1845
http:// www.filss.com
Revised: 1/16/02
Fax: (408) 970-9950
Email: sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
TAmbient = 22 ± 3 °C
7
V
Gate-Source Voltage
VGS
TAmbient = 22 ± 3 °C
-3
V
Drain-Source Current
IDS
TAmbient = 22 ± 3 °C
IDSS
mA
Gate Current
IG
TAmbient = 22 ± 3 °C
15
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
350
mW
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
175
ºC
Storage Temperature
TSTG
-65
175
ºC
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
2.3
W
Notes:
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
Absolute Maximum Power Dissipation to be de-rated as follows above 25
°C:
PTOT= 2.3W – (0.015W/°C) x TPACK
where TPACK = source tab lead temperature
This PHEMT is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when handling these
devices.
• OPTIMUM POWER OUTPUT MATCHING
Load State
Frequency (GHz)
Magnitude
Phase
1.8
0.61
-146
°
2.2
0.52
-143
°
2.5
0.56
-141
°
• HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 1A (0-500 V). Further information on ESD control
measures can be found in MIL-STD-1686 and MIL-HDBK-263.
• APPLICATIONS NOTES & DESIGN DATA
Applications Notes are available from your local Filtronic Sales Representative or directly from the
factory.
Complete design data, including S-parameters, noise data, and large-signal models are
available on the Filtronic web site.


同様の部品番号 - LP1500SOT89

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP1500SOT2231 FILTRONIC-LP1500SOT2231 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP1500SOT2232 FILTRONIC-LP1500SOT2232 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP1500SOT2233 FILTRONIC-LP1500SOT2233 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
More results

同様の説明 - LP1500SOT89

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com