データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5T データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 SM5T
部品情報  Wideband Load Insensitive Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM5T データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM5T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM5T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Wideband Load Insensitive Mixer
Rev. V3
SM5T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 LO 50 TO 5000 MHz
 RF 50 TO 5000 MHz
 IF 50 TO 3000 MHz
 LO Drive +10 dBm (Nominal)
 Insensitive to System Load Mismatch
 High Intercept: +18 dBm
Description
The SM5T is a termination insensitive mixer,
designed for use in military, wireless and test
equipment
applications.
The
design
utilizes
Schottky bridge quad diodes, broadband ferrite
baluns and internal loads to provide excellent
performance without degradation due to external
VSWR mismatches.
Environmental screening available to MIL-STD-883,
MIL-STD-202 or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
SM5T
Surface Mount
Electrical Specifications: Z0 = 50 Ω, Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Guaranteed
+25ºC
-40º to 85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 0.05 to 1.5 GHz, fL = 0.05 to 1.5 GHz, fI = 0.05 to 1.5 GHz
fR = 1.5 to 3.0 GHz, fL = 1.5 to 3.0 GHz, fI = 0.05 to 3.0 GHz
fR = 3.0 to 5.0 GHz, fL = 3.0 to 5.0 GHz, fI = 0.05 to 3.0 GHz
dB
dB
dB
6.9
7.5
8.5
8.3
8.8
10.5
9.0
9.5
11.2
Isolation, L to R (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
dB
35
33
25
23
23
21
Isolation, L to I (min)
fL = 0.05 to 1.0 GHz
fL = 1.0 to 5.0 GHz
dB
dB
40
35
32
25
30
23
Isolation, R to I (min)
fR = 0.05 to 5.0 GHz
dB
32
1 dB Conversion Comp.
fL = +10 dBm
dBm
+7
Input IP3
fL = 0.05 to 5.0 GHz, fR = 0.05 to 5.0 GHz, fI = 0.05 to 3.0 GHz dBm
+18
VSWR
R-Port fR = 0.05 to 5.0 GHz,
L-Port fL = 0.05 to 5.0 GHz,
I-Port fI =0.05 to 3.0 GHz
1.8:1
1.6:1
1.4:1
Typical
Product Image


同様の部品番号 - SM5T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM5T ETC1-SM5T Datasheet
53Kb / 1P
   WIDEBAND LOAD INSENSITIVE MIXER
logo
M/A-COM Technology Solu...
SM5T MA-COM-SM5T Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
More results

同様の説明 - SM5T

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5TH MACOM-SM5TH Datasheet
194Kb / 2P
   Wideband Load Insensitive Mixer
logo
M/A-COM Technology Solu...
SM5TH MA-COM-SM5TH Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
M5T MA-COM-M5T Datasheet
508Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17 Datasheet
59Kb / 2P
   Wideband Load Insensitive Mixer
SM5TH_V3 MA-COM-SM5TH_V3 Datasheet
446Kb / 2P
   Wideband Load Insensitive Mixer
SM5T MA-COM-SM5T_15 Datasheet
494Kb / 3P
   Wideband Load Insensitive Mixer
SM5T17 MA-COM-SM5T17_15 Datasheet
477Kb / 3P
   Wideband Load Insensitive Mixer
logo
Tyco Electronics
SM5T17 MACOM-SM5T17 Datasheet
195Kb / 2P
   Wideband Load Insensitive Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com