データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM202 データシート(PDF) 1 Page - Formosa MS

部品番号 FM202
部品情報  Glass passivated type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM202 データシート(HTML) 1 Page - Formosa MS

  FM202 Datasheet HTML 1Page - Formosa MS FM202 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
FM201 THRU FM207
Glass passivated type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AC
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gram
(V)
(V)
(V)
(V)
(
oC)
FM201
A21
50
35
50
FM202
A22
100
70
100
FM203
A23
200
140
200
FM204
A24
400
280
400
FM205
A25
600
420
600
FM206
A26
800
560
800
FM207
A27
1000
700
1000
SYMBOLS
MARKING
CODE
1.1
-55 to +150
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
2.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 125
oC
125
uA
Thermal resistance
Junction to ambient
R
qJA
53
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
30
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
0.185(4.8)
0.177(4.4)
0.012(0.3) Typ.
0.110(2.8)
0.094(2.4)
0.165(4.2)
0.150(3.8)
0.067(1.7)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMA
Formosa MS


同様の部品番号 - FM202

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM202 RECTRON-FM202 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM202 FORMOSA-FM202 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM202-BS FORMOSA-FM202-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM202-L FORMOSA-FM202-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM202-L FORMOSA-FM202-L Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
More results

同様の説明 - FM202

メーカー部品番号データシート部品情報
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
   Glass passivated type
logo
Yea Shin Technology Co....
DB101S YEASHIN-DB101S Datasheet
355Kb / 2P
   Glass passivated type
logo
Formosa MS
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
   Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
   Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
   Glass passivated type
B05S FORMOSA-B05S Datasheet
69Kb / 2P
   Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com