データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM202 データシート(PDF) 2 Page - Formosa MS

部品番号 FM202
部品情報  Glass passivated type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM202 データシート(HTML) 2 Page - Formosa MS

  FM202 Datasheet HTML 1Page - Formosa MS FM202 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (FM201 THRU FM207)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PERCENTAGE RATED PEAK REVERSE VOLTAGE
8.3ms Single Half
Sine Wave
JEDEC method
0
10
20
30
40
50
1
10
50
100
0
20
40
60
80
100 120 140
.1
.01
1
10
100
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
.01
Tj=100 C
Tj=25 C
Tj=25 C
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
0.4
0
0.8
1.2
1.6
2.0
2.4
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE,( C)


同様の部品番号 - FM202

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM202 RECTRON-FM202 Datasheet
22Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM202 FORMOSA-FM202 Datasheet
56Kb / 7P
   Chip General Purpose Rectifiers
FM202-BS FORMOSA-FM202-BS Datasheet
57Kb / 7P
   Chip General Purpose Rectifiers
FM202-L FORMOSA-FM202-L Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
FM202-L FORMOSA-FM202-L Datasheet
59Kb / 7P
   Chip General Purpose Rectifiers
More results

同様の説明 - FM202

メーカー部品番号データシート部品情報
logo
Formosa MS
FM4001 FORMOSA-FM4001 Datasheet
67Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001_13 Datasheet
105Kb / 2P
   Glass passivated type
logo
Yea Shin Technology Co....
DB101S YEASHIN-DB101S Datasheet
355Kb / 2P
   Glass passivated type
logo
Formosa MS
FM4001-M FORMOSA-FM4001-M Datasheet
67Kb / 2P
   Glass passivated type
DB101S FORMOSA-DB101S Datasheet
68Kb / 2P
   Glass passivated type
FM301 FORMOSA-FM301 Datasheet
68Kb / 2P
   Glass passivated type
SM4001 FORMOSA-SM4001 Datasheet
65Kb / 2P
   Glass passivated type
B05S FORMOSA-B05S Datasheet
69Kb / 2P
   Glass passivated type
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com