データシートサーチシステム |
|
FM207 データシート(PDF) 1 Page - Formosa MS |
|
FM207 データシート(HTML) 1 Page - Formosa MS |
1 / 2 page Chip Silicon Rectifier FM201 THRU FM207 Glass passivated type Features Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current. Mechanical data Case : Molded plastic, JEDECDO-214AC Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting Position : Any Weight : 0.0015 ounce, 0.05 gram (V) (V) (V) (V) ( oC) FM201 A21 50 35 50 FM202 A22 100 70 100 FM203 A23 200 140 200 FM204 A24 400 280 400 FM205 A25 600 420 600 FM206 A26 800 560 800 FM207 A27 1000 700 1000 SYMBOLS MARKING CODE 1.1 -55 to +150 Operating temperature VRRM *1 VRMS *2 VR *3 VF *4 MAXIMUM RATINGS (AT TA=25 oC unless otherwise noted) PARAMETER CONDITIONS Symbol MIN. TYP. MAX. UNIT Forward rectified current See Fig.2 IO 2.0 A Forward surge current 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) IFSM 50 A VR = VRRM TA = 25 oC 5.0 uA VR = VRRM TA = 125 oC 125 uA Thermal resistance Junction to ambient R qJA 53 oC / w Diode junction capacitance f=1MHz and applied 4vDC reverse voltage CJ 30 pF Storage temperature TSTG -55 +150 oC Reverse current IR *1 Repetitive peak reverse voltage *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage 0.185(4.8) 0.177(4.4) 0.012(0.3) Typ. 0.110(2.8) 0.094(2.4) 0.165(4.2) 0.150(3.8) 0.067(1.7) 0.060(1.5) 0.040 (1.0) Typ. 0.040(1.0) Typ. Dimensions in inches and (millimeters) SMA Formosa MS |
同様の部品番号 - FM207 |
|
同様の説明 - FM207 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |