データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25119 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25119
部品情報  LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25119 データシート(HTML) 6 Page - Texas Instruments

Back Button LM25119 Datasheet HTML 2Page - Texas Instruments LM25119 Datasheet HTML 3Page - Texas Instruments LM25119 Datasheet HTML 4Page - Texas Instruments LM25119 Datasheet HTML 5Page - Texas Instruments LM25119 Datasheet HTML 6Page - Texas Instruments LM25119 Datasheet HTML 7Page - Texas Instruments LM25119 Datasheet HTML 8Page - Texas Instruments LM25119 Datasheet HTML 9Page - Texas Instruments LM25119 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM25119/25119Q
SNVS680E – AUGUST 2010 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 12V, VCC = 8V, VCCDIS = 0V, EN2 = 5V, RT =
25k
Ω, no load on LO and HO. Electrical characteristics are per channel where applicable. See
(1), (2), and (3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Supply
IBIAS
VIN Operating Current
SS1 = SS2 = 0V
6
7.3
mA
VCCDIS = 2V, SS1 = SS2 = 0V
340
500
µA
IVCC
VCC1 Operating Current
VCCDIS = 2V, SS1 = SS2 = 0V
3.9
4.5
mA
VCC2 Operating Current
VCCDIS = 2V, SS1 = SS2 = 0V
1.4
2.0
mA
ISHUTDOWN
VIN Shutdown Current
UVLO = 0V, SS1 = SS2 = 0V
15
33
µA
VCC Regulator(4)
VCC(REG)
VCC Regulation
6.77
7.6
8.34
V
VCC Regulation
VIN = 4.5V, No external load
4.4
4.46
V
VCC Sourcing Current Limit
VCC = 0V
25
40
mA
VCCDIS Switch Threshold
VCCDIS Rising
1.19
1.25
1.29
V
VCCDIS Switch Hysteresis
0.07
V
VCCDIS Input Current
VCCDIS = 0V
-20
nA
VCC Under-voltage Threshold
Positive going VCC
3.8
4.0
4.2
V
VCC Under-voltage Hysteresis
0.2
V
EN2 Input
VIL
EN2 Input Low Threshold
2.0
1.5
V
VIH
EN2 Input High Threshold
2.9
2.5
V
EN2 Input pull-up resistor
50
k
UVLO
UVLO Threshold
UVLO Rising
1.20
1.25
1.29
V
UVLO Hysterisis Current
UVLO = 1.4V
15
20
25
µA
UVLO Shutdown Threshold
0.4
V
UVLO Shutdown Hysterisis Voltage
0.1
V
Soft Start
SS Current Source
SS = 0V
7
10
13
µA
SS Pull Down RDSON
10
Error Amplifier
VREF
FB Reference Voltage
Measured at FB pin, FB = COMP
0.788
0.8
0.812
V
FB Input Bias Current
FB = 0.8V
1
nA
FB Disable Threshold
Interleaved Threshold
2.5
V
COMP VOH
Isource = 3mA
2.8
V
COMP VOL
Isink = 3mA
0.31
V
AOL
DC Gain
80
dB
fBW
Unity Gain Bandwidth
3
MHz
PWM Comparators
tHO(OFF)
Forced HO Off-time
220
320
430
ns
tON(min)
Minimum HO On-time
CRAMP = 50pF
100
ns
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional. For specifications and test conditions see the Electrical Characteristics Table.
(2)
All limits are specified. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(3)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Texas Instrument's Average Outgoing Quality Level
(AOQL).
(4)
Per VCC Regulator
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM25119/25119Q


同様の部品番号 - LM25119

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM25119 TI1-LM25119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
LM25119-Q1 TI1-LM25119-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
LM25119PSQ/NOPB TI1-LM25119PSQ/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
LM25119PSQE/NOPB TI1-LM25119PSQE/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
More results

同様の説明 - LM25119

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com