データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL2731SD データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 HCPL2731SD
部品情報  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2731SD データシート(HTML) 5 Page - Fairchild Semiconductor

  HCPL2731SD Datasheet HTML 1Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 2Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 3Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 4Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 5Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 6Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 7Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 8Page - Fairchild Semiconductor HCPL2731SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.5
5
Electrical Characteristics (Continued) (T
A = 0 to 70°C unless otherwise specified)
Isolation Characteristics
*All Typicals at TA = 25°C
Notes:
1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current,
IF, times 100%.
2. Pin 7 open. (6N138 and 6N139 only)
3. Common mode transient immunity in logic HIGH level is the maximum tolerable (positive) dVcm/dt on the
leading edge of the common mode pulse signal VCM, to assure that the output will remain in a logic HIGH state
(i.e., VO > 2.0V). Common mode transient immunity in logic LOW level is the maximum tolerable (negative)
dVcm/dt on the trailing edge of the
common mode pulse signal, VCM, to assure that the output will remain in a logic LOW state (i.e., VO < 0.8V).
4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
5. For dual channel devices, CI-O is measured by shorting pins 1 and 2 or pins 3 and 4 together and pins 5 through 8
shorted together.
6. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Unit
II-O
Input-Output Insulation Leakage
Current(4)
Relative humidity = 45%,TA = 25°C,
t = 5s, VI-O = 3000VDC
1.0
µA
VISO
Withstand Insulation Test
Voltage(4)
RH
≤ 50%, T
A = 25°C, II-O ≤ 2µA,
t = 1 min.
2500
VRMS
RI-O
Resistance (Input to Output)(4)
VI-O = 500VDC
1012
CI-O
Capacitance (Input to Output)(4)(5)
f = 1MHz
0.6
pF
II-I
Input-Input Insulation Leakage
Current(6)
RH
≤ 45%, V
I-I = 500VDC, t = 5s,
HCPL2730/2731 only
0.005
µA
RI-I
Input-Input Resistance(6)
VI-I = 500VDC, HCPL2730/2731 only
1011
CI-I
Input-Input Capacitance(6)
f = 1MHz, HCPL2730/2731 only
0.03
pF


同様の部品番号 - HCPL2731SD

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL2731 HP-HCPL2731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2731 FAIRCHILD-HCPL2731 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2731M FAIRCHILD-HCPL2731M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

同様の説明 - HCPL2731SD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com