データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HZZ02002G データシート(PDF) 7 Page - Power-One

部品番号 HZZ02002G
部品情報  FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

HZZ02002G データシート(HTML) 7 Page - Power-One

Back Button HZZ02002G Datasheet HTML 3Page - Power-One HZZ02002G Datasheet HTML 4Page - Power-One HZZ02002G Datasheet HTML 5Page - Power-One HZZ02002G Datasheet HTML 6Page - Power-One HZZ02002G Datasheet HTML 7Page - Power-One HZZ02002G Datasheet HTML 8Page - Power-One HZZ02002G Datasheet HTML 9Page - Power-One HZZ02002G Datasheet HTML 10Page - Power-One HZZ02002G Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BCD.00247 Rev. AA, 07-Nov-12
Page 7 of 18
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelf Data Sheet
Output Connector Pinning and Signal Specification
Output Connector
Description
Pin
Location
Type
Low level
High level
V max
I max
Overtemperature /
Fan Fail
U1
OC-output, protected by 16 V Zener diode and a 10 Ω
resistor in series, referenced to logic GND
< 0.4 V @ 20 mA
Pull up
15 V
20 mA
AC Fail /
Power down warning
U2
OC-output, protected by 16 V Zener diode and a 10 Ω
resistor in series, referenced to logic GND
< 0.4 V @ 20 mA
Pull up
15 V
20 mA
Power Supply Present
U3
Resistor (1 kΩ) connected to logic GND
Open
Pull up
10 V
10 mA
DC Fail /
Output voltage fault
U4
OC-output, protected by 16 V Zener diode and a 10 Ω
resistor in series, referenced to logic GND
< 0.4 V @ 20 mA
Pull up
15 V
20 mA
Internal ground
U5
Internal ground (Vo1– line before the output filter).
Do not connect the internal grounds in
systems with several units.
ADDR0, I
2C address
bus
T1
DIP switch or wire to internal ground,
Internally pull up to 5V (10 kΩ).
Switch closed
Switch open
5V
ADDR1, I
2C address
bus
T2
DIP switch or wire to internal ground,
Internally pull up to 5V (10 kΩ).
Switch closed
Switch open
5V
ADDR2, I
2C address
bus
T3
DIP switch or wire to internal ground,
Internally pull up to 5V (10 kΩ).
Switch closed
Switch open
5V
ADDR3, I
2C address
bus
T4
DIP switch or wire to internal ground,
Internally pull up to 5V (10 kΩ).
Switch closed
Switch open
5V
ADDR4, I
2C address
bus
T5
DIP switch or wire to internal ground,
Internally pull up to 5V (10 kΩ).
Switch closed
Switch open
5V
DATA, I
2C data line
S1
I
2C compatible signal
referenced to logic GND
5 V or 3.3 V logic
CLOCK, I
2C clock line
S2
I
2C compatible signal
referenced to logic GND
5 V or 3.3 V logic
Vo2 + output
S3
Auxiliary power pin, insulated from main output
Vo2 – output
S4
Auxiliary ground pin, insulated from main output
Logic ground
S5
Internally connected over 10 Ω to Auxiliary GND. Wire
separately form Auxiliary - and main output GND to
minimize noise on signals and I
2C.
Leave open if not used.
Output inhibit
R1
PS active when pulled low (DC-DC stage off when left
open) Referenced to logic GND
< 0.8 V
> 2.0 V
10 V
3.5 mA
V sense +
R2
Open or connected to Vo1+ at the load
(Internally connected to Vo1+ over 100 Ω)
dU < 3 Vpp
30 mA
V sense -
R3
Open or connected to Vo1- at the load
(Internally connected to Vo1- over 100 Ω)
dU < 3 Vpp
30 mA
12V
model
Output margin
48V
models
R4
Open or connected over resistor to internal ground.
Do not connect the margin pins in
systems with several units.
3 VDC
R4
Open or connected to internal ground
(+8 % Vo1) or V sense+ (-8 % Vo1)
Do not connect the margin pins in
systems with several units.
60 VDC
12V
model
Synch. startup
48V
models
R5
Open or connected to synch startup circuit,
referenced to Vo1 - at the output connector
12V
3mA
R5
Open or connected to synch startup circuit,
referenced to Vo1 - at the output connector
12V
2mA
Vo1 + output
12V
model
P2, P4, P6, P8,
P10, P12
Main output + pins
Vo1 – output
12V
model
P1, P3, P5,
P7, P9, P11
Main output – pins
Vo1 + output
48V
models
P2, P4, P6
Main output + pins
Vo1 – output
48V
models
P1, P3, P5
Main output – pins


同様の部品番号 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
HZZ00101 POWER-ONE-HZZ00101 Datasheet
262Kb / 9P
   Cassette Style Mating Connectors
logo
Bel Fuse Inc.
HZZ00101-G BEL-HZZ00101-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00102-G BEL-HZZ00102-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00103-G BEL-HZZ00103-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
HZZ00104-G BEL-HZZ00104-G Datasheet
2Mb / 10P
   Cassette Style Mating Connectors
More results

同様の説明 - HZZ02002G

メーカー部品番号データシート部品情報
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com