データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP08 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100EP08
部品情報  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP08 データシート(HTML) 2 Page - ON Semiconductor

  MC100EP08 Datasheet HTML 1Page - ON Semiconductor MC100EP08 Datasheet HTML 2Page - ON Semiconductor MC100EP08 Datasheet HTML 3Page - ON Semiconductor MC100EP08 Datasheet HTML 4Page - ON Semiconductor MC100EP08 Datasheet HTML 5Page - ON Semiconductor MC100EP08 Datasheet HTML 6Page - ON Semiconductor MC100EP08 Datasheet HTML 7Page - ON Semiconductor MC100EP08 Datasheet HTML 8Page - ON Semiconductor MC100EP08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8−Lead Pinout (Top View) and Logic Diagram
D0
Q
D1
D1
D0
Table 1. PIN DESCRIPTION
PIN
D0, D1, D0, D1
Q, Q
ECL Data Outputs
FUNCTION
ECL Data Inputs
D0*
D1*
D0**
D1**
Q
Q
LL
H
H
L
H
LH
H
L
H
L
HL
L
H
H
L
HH
L
L
L
H
Table 2. TRUTH TABLE
VCC
VEE
Positive Supply
Negative Supply
* Pins will default LOW when left open.
** Pins will default to 0.666% of VCC when left open.
EP
(DFN8 only) Thermal exposed pad
must be connected to a sufficient
thermal conduit. Electrically connect
to the most negative supply (GND) or
leave unconnected, floating open.
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
SOIC−8
TSSOP−8
DFN8
Level 1
Level 1
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
135 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


同様の部品番号 - MC100EP08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP08 ONSEMI-MC100EP08 Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08D ONSEMI-MC100EP08D Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC100EP08D ONSEMI-MC100EP08D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results

同様の説明 - MC100EP08

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com