データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZJ3801B データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SMZJ3801B
部品情報  Surface Mount Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMZJ3801B データシート(HTML) 3 Page - Vishay Siliconix

  SMZJ3801B Datasheet HTML 1Page - Vishay Siliconix SMZJ3801B Datasheet HTML 2Page - Vishay Siliconix SMZJ3801B Datasheet HTML 3Page - Vishay Siliconix SMZJ3801B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMZJ3788B thru SMZJ3809B
www.vishay.com
Vishay General Semiconductor
Revision: 25-May-12
3
Document Number: 88402
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Continuous Power Dissipation
Fig. 2 - Typical Zener Impedance
Fig. 3 - Typical Zener Impedance
Fig. 4 - Typical Temperature Coefficients
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
2.0
1.5
1.0
25
50
75
100
125
150
175
0.5
60 Hz
Resistive or
Inductive Load
TL - Lead Temperature (°C)
PCB Mounted on
0.31" x 0.31" x 0.08"
(8 mm x 8 mm x 2 mm)
Copper Pad Areas
0
100
10
1000
1
100
500
10
0.5
V
Z = 62 V
V
Z = 22 V
V
Z = 10 V
T
J = 25 °C
I
Z(RMS) = 0.1 IZ(DC)
IZ - Zener Test Current (mA)
2
100
200
10
100
10
I
Z = 1 mA
I
Z = 10 mA
I
Z = 20 mA
I
Z(rms) = 0.1 IZ(DC)
VZ - Zener Voltage (V)
100
10
100
10
Tested at Rated I
ZT
VZ - Zener Voltage (V)
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.205 (5.21)
0.220 (5.59)
0 (0)
0.008 (0.2)
0.130 (3.30)
0.155 (3.94)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
Cathode Band
DO-214AA (SMB-J-Bend)
0.085 (2.159)
MAX.
0.220 REF.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.
Mounting Pad Layout


同様の部品番号 - SMZJ3801B

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMZJ3801B GE-SMZJ3801B Datasheet
47Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMZJ3801B VISHAY-SMZJ3801B Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3801B VISHAY-SMZJ3801B Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
logo
SUNMATE electronic Co.,...
SMZJ3801B SUNMATE-SMZJ3801B Datasheet
515Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Juxing Electr...
SMZJ3801B JUXING-SMZJ3801B Datasheet
595Kb / 2P
   Surface Mount Zener Diodes
More results

同様の説明 - SMZJ3801B

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com