データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC126T14-13 データシート(PDF) 2 Page - Diodes Incorporated

部品番号 74HC126T14-13
部品情報  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC126T14-13 データシート(HTML) 2 Page - Diodes Incorporated

  74HC126T14-13 Datasheet HTML 1Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 2Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 3Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 4Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 5Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 6Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 7Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 8Page - Diodes Incorporated 74HC126T14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74HC126
Document number: DS35327 Rev. 3 - 2
2 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC126
Pin Descriptions
Pin
Number
Pin Name
Function
1
1OE
Data Enable Input (active low)
2
1A
Data Input
3
1Y
Data Output
4
2OE
Data Enable Input (active low)
5
2A
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3OE
Data Enable Input (active low)
11
4Y
Data Outp
12
4A
Data Input
13
4OE
Data Enable Input (active low)
14
Vcc
Supply Voltage
Logic Diagram
Function Table
Inputs
Output
OE
A
Y
H
H
H
H
L
L
L
X
Z


同様の部品番号 - 74HC126T14-13

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC126 NEXPERIA-74HC126 Datasheet
244Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 6 - 28 December 2022
74HC126-Q100 NEXPERIA-74HC126-Q100 Datasheet
702Kb / 15P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74HC126D PHILIPS-74HC126D Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Toshiba Semiconductor
74HC126D TOSHIBA-74HC126D Datasheet
197Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.4.0
More results

同様の説明 - 74HC126T14-13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com