データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCU04 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74AHCU04
部品情報  UNBUFFERED HEX INVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCU04 データシート(HTML) 6 Page - Diodes Incorporated

  74AHCU04 Datasheet HTML 1Page - Diodes Incorporated 74AHCU04 Datasheet HTML 2Page - Diodes Incorporated 74AHCU04 Datasheet HTML 3Page - Diodes Incorporated 74AHCU04 Datasheet HTML 4Page - Diodes Incorporated 74AHCU04 Datasheet HTML 5Page - Diodes Incorporated 74AHCU04 Datasheet HTML 6Page - Diodes Incorporated 74AHCU04 Datasheet HTML 7Page - Diodes Incorporated 74AHCU04 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74AHCU04
Document number: DS35347 Rev. 3 - 2
6 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCU04
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: SO-14
Package Type: TSSOP-14
SO-14
Dim
Min
Max
A
1.47
1.73
A1
0.10
0.25
A2
1.45 Typ
B
0.33
0.51
D
8.53
8.74
E
3.80
3.99
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
°
A
4.9
5.10
B
4.30
4.50
C
1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
E
H
A
A2
e
D
A1
L
Gauge Plane
Detail “A”
Detail “A”
7°(4
x)
θ
B
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B


同様の部品番号 - 74AHCU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCU04 PHILIPS-74AHCU04 Datasheet
87Kb / 16P
   Hex inverter
1999 Sep 27
74AHCU04 NXP-74AHCU04 Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04-Q100 NEXPERIA-74AHCU04-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
logo
NXP Semiconductors
74AHCU04BQ NXP-74AHCU04BQ Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
More results

同様の説明 - 74AHCU04

メーカー部品番号データシート部品情報
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com