データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM470R1B1MHFQS データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM470R1B1MHFQS
部品情報  16/32-BIT RISC FLASH MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM470R1B1MHFQS データシート(HTML) 3 Page - Texas Instruments

  SM470R1B1MHFQS Datasheet HTML 1Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 2Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 3Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 4Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 5Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 6Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 7Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 8Page - Texas Instruments SM470R1B1MHFQS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
SM470R1B1M-HT
www.ti.com
SPNS155H – SEPTEMBER 2009 – REVISED SEPTEMBER 2013
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD
SM470R1B1MKGDS1
SM470R1B1MKGDS1
–55°C to 220°C
CQFP-HFQ
SM470R1B1MHFQS
SM470R1B1MHFQS
CQFP-HKP
SM470R1B1MHKPS
SM470R1B1MHKPS
–55°C to 150°C
LQFP-PGE
SM470R1B1MPGES
SM470R1B1MPGES
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
DIE LAYOUT
Table 1. Bare Die Information
DIE PAD
DIE
DIE PAD
BACKSIDE
BACKSIDE
DIE SIZE
DIE PAD SIZE
COORDINATES(1)
THICKNESS
COMPOSITION
FINISH
POTENTIAL
208.858 x 211.890 mils/
Silicon with
65.1 x 65.1(µm)
See Table 2
11 mils
AlCu
Ground
5304.99 x 5382.01 µm
backgrind
(1)
Pads 12, 22, 26, 136, 143, 146, 149 and 152 are test pads, no connections required. It is highly recommended to leave them open.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


同様の部品番号 - SM470R1B1MHFQS

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
570Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
SM470R1B1MHFQS TI1-SM470R1B1MHFQS Datasheet
803Kb / 79P
[Old version datasheet]   16-/32-Bit RISC Flash Microcontroller
More results

同様の説明 - SM470R1B1MHFQS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com