データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1215MTDX データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FIN1215MTDX
部品情報  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX データシート(HTML) 5 Page - Fairchild Semiconductor

  FIN1215MTDX Datasheet HTML 1Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
5
Truth Tables
Transmitter
Inputs
Outputs
TxIn
TxCLKIn
PwrDn
(1)
TxOut±
TxCLKOut±
Active
Active
HIGH
LOW / HIGH
LOW / HIGH
Active
LOW / HIGH
High Impedance
HIGH
LOW / HIGH
Don’t Care
(2)
Floating
Active
HIGH
LOW
LOW / HIGH
Floating
Floating
HIGH
LOW
Don’t Care
(2)
Don’t Care
Don’t Care
LOW
High Impedance
High Impedance
Notes:
1.
The outputs of the transmitter or receiver remain in a high-impedance state until VCC reaches 2V.
2.
TxCLKOut± settles at a free running frequency when the part is powered up, PwrDn is HIGH and the TxCLKIn is
a steady logic level LOW / HIGH / high-impedance.
Receiver
Inputs
Outputs
RxIn±
RxCLKIn±
/PwrDn
(3)
RxOut
RxCLKOut
Active
Active
HIGH
LOW / HIGH
LOW / HIGH
Active
Failsafe Condition
(4)
HIGH
Last Valid State
HIGH
Failsafe Condition
(4)
Active
HIGH
HIGH
LOW / HIGH
Failsafe Condition
(4)
Failsafe Condition
(4)
HIGH
Last Valid State
(5)
HIGH
Don’t Care
Don’t Care
LOW
LOW
HIGH
Notes:
3.
The outputs of the transmitter or receiver remain in a high-impedance state until VCC reaches 2V.
4.
Failsafe condition is defined as the input being terminated and un-driven, shorted, or open.
5.
If RxCLKIn± is removed prior to the RxIn± date being removed, RxOut is the last valid state. If RxIn± data is
removed prior to RxCLKIn± being removed, RxOut is HIGH.


同様の部品番号 - FIN1215MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTDX_NL FAIRCHILD-FIN1215MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

同様の説明 - FIN1215MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com