データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1215MTDX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN1215MTDX
部品情報  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215MTDX データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN1215MTDX Datasheet HTML 1Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1215MTDX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 2009
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
FIN1215 / FIN1216 / FIN1217/ FIN1218
LVDS 21-Bit Serializers / De-Serializers
Features
Low Power Consumption
20MHz to 85MHz Shift Clock Support
50% Duty Cycle on the Clock Output of Receiver
±1V Common-mode Range ~1.2V
Narrow Bus Reduces Cable Size and Cost
High Throughput: 1.785Gbps
Up to 595Mbps per Channel
Internal PLL with No External Components
Compatible with TIA/EIA-644 Specification
Offered in 48-lead TSSOP Packages
Description
The FIN1217 and FIN1215 transform 21-bit wide
parallel LVTTL (Low-Voltage TTL) data into three serial
LVDS
(Low-Voltage
Differential
Signaling)
data
streams. A phase-locked transmit clock is transmitted in
parallel with the data stream over a separate LVDS link.
Every cycle of transmit clock, 21 bits of input LVTTL
data are sampled and transmitted.
The FIN1216 and FIN1218 receives and converts the
three serial LVDS data streams back into 21 bits of
LVTTL data. Table 1 provides a matrix summary of the
serializers
and
de-serializers
available.
For
the
FIN1217, at a transmit clock frequency of 85MHz, 21
bits of LVTTL data are transmitted at a rate of 595Mbps
per LVDS channel.
These chipsets solve EMI and cable size problems
associated with wide and high-speed TTL interfaces.
Ordering Information
Part Number
Operating
Temperature
Range
Eco
Status
Package
Packing
Method
FIN1215MTDX
-40 to + 85°C
RoHS
48-Lead Thin Shrink Small Outline Package (TSSOP)
Tape and Reel
FIN1216MTDX
FIN1217MTDX
FIN1218MTDX
(Preliminary)
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


同様の部品番号 - FIN1215MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTDX_NL FAIRCHILD-FIN1215MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

同様の説明 - FIN1215MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com