データシートサーチシステム |
|
FIN1216MTDX データシート(PDF) 6 Page - Fairchild Semiconductor |
|
FIN1216MTDX データシート(HTML) 6 Page - Fairchild Semiconductor |
6 / 20 page © 2003 Fairchild Semiconductor Corporation www.fairchildsemi.com FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3 6 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VCC Power Supply Voltage -0.3 +4.6 V VTTL TTL/CMOS Input/Output Voltage -0.5 +4.6 V VLVDS LVDS Input/Output Voltage -0.3 +4.6 V IOSD LVDS Output Short-Circuit Current Continuous TSTG Storage Temperature Range -65 +150 °C TJ Maximum Junction Temperature, Soldering 4 seconds +150 °C TL Lead Temperature +260 °C ESD Human Body Model, JESD22-A114 (1.5k Ω, 100pF) LVDS I/O to Ground 10.0 kV All Pins (FIN1215, FIN1217) 6.5 Machine Model, JESD22-A115, 0 Ω, 200pF FIN1215, FIN1217 Only >400 V Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Min. Max. Unit VCC Supply Voltage 3.0 3.6 V TA Operating Temperature -40 +85 °C VCCNPP Maximum Supply Noise Voltage (6) 100 mVPP Note: 6. 100mV VCC noise should be tested for frequency at least up to 2MHz. All the specifications should be met under such a noise level. |
同様の部品番号 - FIN1216MTDX |
|
同様の説明 - FIN1216MTDX |