データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1216MTDX データシート(PDF) 10 Page - Fairchild Semiconductor

部品番号 FIN1216MTDX
部品情報  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1216MTDX データシート(HTML) 10 Page - Fairchild Semiconductor

Back Button FIN1216MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 12Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 13Page - Fairchild Semiconductor FIN1216MTDX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
10
Receiver DC Electrical Characteristics
Typical values are at TA=25°C and with VCC=3.3V. Positive current values refer to the current flowing into device and
negative values means current flowing out of pins. Voltages are referenced to ground unless otherwise specified
(except
ΔV
OD and VOD). Minimum and maximum values are at over supply voltage and operating temperature ranges
unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
LVTTL/CMOS DC Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VOH
Output High Voltage
IOH=-0.4mA
2.7
3.3
V
VOL
Output Low Voltage
IOL=2mA
0.3
V
VIK
Input Clamp Voltage
IIK=-18mA
-1.5
V
IIN
Input Current
VIN=0V to 4.6V
-10
10
μA
IOFF
Input/Output Power-Off
Leakage Current
VCC=0V, All LVTTL Inputs/Outputs
0V to 4.6V
±10
μA
IOS
Output Short-Circuit Current
VOUT=0V
-60
-120
μA
Receiver LVDS Input Characteristics
VTH
Differential Input Threshold
HIGH
Figure 6, Table 2
100
mV
VTL
Differential Input Threshold
LOW
Figure 6, Table 2
-100
mV
VICM
Input Common Mode Range
Figure 6, Table 2
0.05
2.35
V
IIN
Input Current
VIN=2.4V, VCC=3.6V or 0V
±10.0
μA
VIN=0V, VCC=3.6V or 0V
±10.0
Receiver Supply Current
ICCWR
3:21 Receiver Power Supply
Current for Worst Case
Pattern with Load
(14)
CL=8pF, Figure 7
33MHz
66
mA
40MHz
56
74
65MHz
75
102
85MHz
(15)
92
125
ICCPDR
Powered Down Supply
Current
/PwrDn=0.8V (RxOut stays LOW)
NA
400
μA
Notes:
14. The power supply current for the receiver can be different due to the number of active I/O channels.
15. 85MHz specification for FIN1218 only.


同様の部品番号 - FIN1216MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1216MTDX ONSEMI-FIN1216MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1216MTDX_NL FAIRCHILD-FIN1216MTDX_NL Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
More results

同様の説明 - FIN1216MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com