データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1218MTDX データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FIN1218MTDX
部品情報  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1218MTDX データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FIN1218MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 9Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 10Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 11Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 12Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 13Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 14Page - Fairchild Semiconductor FIN1218MTDX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
11
Receiver AC Electrical Characteristics
Values are at over supply voltages and operating temperatures, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tRCOL
RxCLKOut LOW Time
Figure 12
Rising Edge Strobe
f=40MHz
10.0
11.0
ns
tRCOH
RxCLKOut HIGH Time
10.0
12.2
ns
tRSRC
RxOut Valid Prior to RxCLKOut
6.5
11.6
ns
tRHRC
RxOut Valid After RxCLKOut
6.0
11.6
ns
tRCOP
Receiver Clock Output (RxCLKOut)
Period
Figure 12
Rising Edge Strobe
f=65MHz
15.0
T
50.0
ns
tRCOL
RxCLKOut LOW Time
5.0
7.8
9.0
ns
tRCOH
RxCLKOut HIGH Time
5.0
7.3
9.0
ns
tRSRC
RxOut Valid Prior to RxCLKOut
4.5
7.7
ns
tRHRC
RxOut Valid After RxCLKOut
4.0
8.4
ns
tRCOP
Receiver Clock Output (RxCLKOut)
Period
Figure 12
Rising Edge Strobe
f=85MHz
FIN1218 only
11.76
T
50.00
ns
tRCOL
RxCLKOut LOW Time
4.0
6.3
6.0
ns
tRCOH
RxCLKOut HIGH Time
4.5
5.4
6.5
ns
tRSRC
RxOut Valid Prior to RxCLKOut
3.5
6.3
ns
tRHRC
RxOut Valid After RxCLKOut
3.5
6.5
ns
tROLH
Output Rise Time (20% to 80%)
CL=8pF, Figure 9
2.2
5.0
ns
tROHL
Output Fall Time (80% to 20%)
2.1
5.0
ns
tRCCD
Receiver Clock Input to Clock Output
Delay
TA=25°C, VCC=3.3V
Figure 14
(Error!
Reference source not found.)
3.5
6.9
7.5
ns
tRPDD
Receiver Power-Down Delay
Figure 18
1.0
ms
tRSPB0
Receiver Input Strobe Position of Bit 0
Figure 21
f=40MHz
1.00
2.15
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
4.5
5.8
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
8.10
9.15
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
11.6
12.6
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
15.1
16.3
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
18.8
19.9
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
22.5
23.6
ns
Continued on following page…


同様の部品番号 - FIN1218MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1218MTDX ONSEMI-FIN1218MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

同様の説明 - FIN1218MTDX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com