データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD006-00 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 AD006-00
部品情報  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD006-00 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AD006-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Appendix
- 137 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Part Numbers and Marking Codes
NVE’s part number format consists of two or three letters, then three numbers, a dash, and then two
more numbers, and in some cases a final letter. Here is an example:
AAH004-00E
The meanings of the numbers and letters are defined as follows:
First Two
Letters
General Part Description
AA
Analog output magnetometer or spin valve sensor
AB
Analog output gradiometer
AD
Digital output magnetometer
AG
Evaluation kit or printed circuit board assembly
AK
Digital output gradiometer
BD
Custom digital output magnetometer
DB
Digital input signal processing IC
DC
Voltage regulator
DD
Analog input signal processing IC
Third Letter
GMR Material Used In Product
No third letter indicates NVE’s standard multilayer material
H
High sensitivity, high temperature multilayer material
L
Low hysteresis, high temperature multilayer material
V
Spin valve material with synthetic anti-ferromagnet pinning
Three Digits
Consecutive Part Number
xxx
Meaning for AD-Series parts is described in the GMR Switch section of this
catalog; other products have numbers assigned consecutively with no meaning
implied
Two Digits
After Dash
Package Type
-00
MSOP 8 pin package
-01
Raw IC (die); available in diced wafer on blue tape or waffle pack form
-02
SOIC 8 pin package
-07
Non-semiconductor style package; used for eval kits and PCBs
-10
TDFN6 2.5mm X 2.5mm 6 pin package
-11
PLLP6 3.0mm X 3.0mm 6 pin package
-12
TDFN SO8 4.9mm X 6.0mm 8 pin package
Final Letter
Consecutive Part Number
E
No final letter means a standard package; E means a lead-free package


同様の部品番号 - AD006-00

メーカー部品番号データシート部品情報
logo
RHOPOINT COMPONENTS
AD006-00 RHOPOINT-AD006-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

同様の説明 - AD006-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com