データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD423-00 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 AD423-00
部品情報  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

AD423-00 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AD423-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD423-00 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Appendix
- 138 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Some of NVE’s products are delivered in packages that are too small to be marked with the complete
part number. In these cases a three-letter code is used to identify the part. The following table provides
a cross-reference from part number to marking code:
NVE Part Number
Code
NVE Part Number
Code
AA004-00
CBD
AD323-00
GBD
AA006-00
CBC
AD324-00
GBF
AAH004-00
CBF
AD404-00
HBH
AAV001-11
BBP
AD405-00
HBG
AAV002-11
BBQ
AD406-00
HBJ
AB001-00
CBG
AD420-00
HBK
ABH001-00
CBH
AD421-00
HBB
ABL004-00
FDB
AD422-00
HBC
ABL005-00
FDC
AD423-00
HBD
ABL006-00
FDL
AD424-00
HBF
ABL014-00
FDD
AD504-00
JBH
ABL015-00
FDF
AD505-00
JBG
ABL016-00
FDM
AD506-00
JBJ
ABL004-10
FDG
AD520-00
JBK
ABL005-10
FDH
AD521-00
JBB
ABL006-10
FDN
AD522-00
JBC
ABL014-10
FDJ
AD523-00
JBD
ABL015-10
FDK
AD524-00
JBF
ABL016-10
FDP
AD604-00
KBH
AD004-00
BBH
AD605-00
KBG
AD005-00
BBG
AD606-00
KBJ
AD006-00
BBJ
AD620-00
KBK
AD020-00
BBK
AD621-00
KBB
AD021-00
BBB
AD622-00
KBC
AD022-00
BBC
AD623-00
KBD
AD023-00
BBD
AD624-00
KBF
AD024-00
BBF
AD704-00
LBH
AD024-10
BBL
AD705-00
LBG
AD104-00
DBH
AD706-00
LBJ
AD105-00
DBG
AD720-00
LBK
AD106-00
DBJ
AD721-00
LBB
AD120-00
DBK
AD722-00
LBC
AD121-00
DBB
AD723-00
LBD
AD122-00
DBC
AD724-00
LBF
AD123-00
DBD
AD081-00
BDB
AD124-00
DBF
AD082-00
BDC
AD204-00
FBH
AD083-00
BDD
AD205-00
FBG
AD084-00
BDF
AD206-00
FBJ
AD821-00
MBB
AD220-00
FBK
AD822-00
MBC
AD221-00
FBB
AD823-00
MBD
AD222-00
FBC
AD824-00
MBF
AD223-00
FBD
AD921-00
NBB
AD224-00
FBF
AD922-00
NBC
AD304-00
GBH
AD923-00
NBD
AD305-00
GBG
AD924-00
NBF
AD306-00
GBJ
ADH025-00
MBL
AD320-00
GBK
BD012-00
ZBF
AD321-00
GBB
DB001-00
FFD
AD322-00
GBC
DC001-10
FFB
DC002-10
FFC


同様の部品番号 - AD423-00

メーカー部品番号データシート部品情報
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420AN-32 AD-AD420AN-32 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420AN-32 AD-AD420AN-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

同様の説明 - AD423-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com