データシートサーチシステム |
|
L-05C2N2SV4T データシート(PDF) 3 Page - Johanson Technology Inc. |
|
L-05C2N2SV4T データシート(HTML) 3 Page - Johanson Technology Inc. |
3 / 5 page 18 www.johansontechnology.com 19 www.johansontechnology.com 18 www.johansontechnology.com 0402 CONTINUED Part Number Inductance Tolerance Q (Min.) L/Q Freq. Typical SRF DC Resistance Max Rated Current L-07C2N4SV6T 2.4 nH ± 0.3 nH 8 100 MHz 10000 MHz 0.16 Ω 300 mA L-07C2N7SV6T 2.7 nH ± 0.3 nH 8 100 MHz 9500 MHz 0.17 Ω 300 mA L-07C3N0@V6T 3.0 nH ± 0.3 nH 8 100 MHz 9000 MHz 0.18 Ω 300 mA L-07C3N3@V6T 3.3 nH ± 0.3 nH ±10% 8 100 MHz 8500 MHz 0.19 Ω 300 mA L-07C3N6@V6T 3.6 nH ± 0.3 nH ±10% 8 100 MHz 7500 MHz 0.21 Ω 300 mA L-07C3N9@V6T 3.9 nH ± 0.3 nH ±10% 8 100 MHz 7000 MHz 0.22 Ω 300 mA L-07C4N3@V6T 4.3 nH ± 0.3 nH ±10% 8 100 MHz 6000 MHz 0.24 Ω 300 mA L-07C4N7@V6T 4.7 nH ± 0.3 nH ±10% 8 100 MHz 6000 MHz 0.24 Ω 300 mA L-07C5N1@V6T 5.1 nH ± 0.3 nH ±10% 8 100 MHz 5500 MHz 0.26 Ω 300 mA L-07C5N6@V6T 5.6 nH ± 0.3 nH ±10% 8 100 MHz 5400 MHz 0.27 Ω 300 mA L-07C6N2#V6T 6.2 nH ±5% ±10% 8 100 MHz 5200 MHz 0.30 Ω 300 mA L-07C6N8#V6T 6.8 nH ±5% ±10% 8 100 MHz 5000 MHz 0.32 Ω 250 mA L-07C7N5#V6T 7.5 nH ±5% ±10% 8 100 MHz 4600 MHz 0.40 Ω 250 mA L-07C8N2#V6T 8.2 nH ±5% ±10% 8 100 MHz 4600 MHz 0.40 Ω 250 mA L-07C10N#V6T 10.0 nH ±5% ±10% 8 100 MHz 3700 MHz 0.45 Ω 250 mA L-07C12N#V6T 12.0 nH ±5% ±10% 8 100 MHz 3200 MHz 0.50 Ω 250 mA L-07C13N#V6T 13.0 nH ±5% ±10% 8 100 MHz 3100 MHz 0.55 Ω 250 mA L-07C15N#V6T 15.0 nH ±5% ±10% 8 100 MHz 3100 MHz 0.60 Ω 250 mA L-07C18N#V6T 18.0 nH ±5% ±10% 8 100 MHz 2900 MHz 0.65 Ω 200 mA L-07C20N#V6T 20.0 nH ±5% ±10% 8 100 MHz 2100 MHz 0.80 Ω 200 mA L-07C22N#V6T 22.0 nH ±5% ±10% 8 100 MHz 2100 MHz 0.80 Ω 200 mA L-07C23N#V6T 23.0 nH ±5% ±10% 8 100 MHz 2100 MHz 0.85 Ω 200 mA L-07C27N#V6T 27.0 nH ±5% ±10% 8 100 MHz 1900 MHz 0.90 Ω 200 mA L-07C33N#V6T 33.0 nH ±5% ±10% 8 100 MHz 1600 MHz 1.00 Ω 200 mA L-07C39N#V6T 39.0 nH ±5% ±10% 8 100 MHz 1400 MHz 1.20 Ω 150 mA L-07C43N#V6T 43.0 nH ±5% ±10% 8 100 MHz 1300 MHz 1.30 Ω 150 mA L-07C47N#V6T 47.0 nH ±5% ±10% 8 100 MHz 1200 MHz 1.30 Ω 150 mA L-07C56N#V6T 56.0 nH ±5% ±10% 8 100 MHz 1100 MHz 2.00 Ω 150 mA L-07C68N#V6T 68.0 nH ±5% ±10% 8 100 MHz 1000 MHz 2.20 Ω 100 mA L-07C82N#V6T 82.0 nH ±5% ±10% 8 100 MHz 900 MHz 2.50 Ω 100 mA L-07CR10#V6T 100 nH ±5% ±10% 8 100 MHz 850 MHz 2.50 Ω 100 mA L-07CR12#V6T 120 nH ±5% ±10% 8 50 MHz 750 MHz 2.50 Ω 100 mA 0603 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS Part Number Inductance Tolerance Q (Min.) L/Q Freq. Typical SRF DC Resistance Max Rated Current L-14C1N0SV4T 1.0 nH ± 0.3 nH 8 100 MHz >17000 MHz 0.10 Ω 300 mA L-14C1N2SV4T 1.2 nH ± 0.3 nH 8 100 MHz >17000 MHz 0.10 Ω 300 mA L-14C1N5SV4T 1.5 nH ± 0.3 nH 8 100 MHz >17000 MHz 0.10 Ω 300 mA L-14C1N8SV4T 1.8 nH ± 0.3 nH 8 100 MHz 13000 MHz 0.10 Ω 300 mA L-14C2N2SV4T 2.2 nH ± 0.3 nH 8 100 MHz 12000 MHz 0.15 Ω 300 mA L-14C2N7SV4T 2.7 nH ± 0.3 nH 8 100 MHz 8600 MHz 0.15 Ω 300 mA L-14C3N3@V4T 3.3 nH ± 0.3 nH ±10% 8 100 MHz 6500 MHz 0.20 Ω 300 mA L-14C3N9@V4T 3.9 nH ± 0.3 nH ±10% 8 100 MHz 6300 MHz 0.20 Ω 300 mA L-14C4N7@V4T 4.7 nH ± 0.3 nH ±10% 8 100 MHz 5400 MHz 0.20 Ω 300 mA L-14C5N6@V4T 5.6 nH ± 0.3 nH ±10% 8 100 MHz 4600 MHz 0.25 Ω 300 mA L-14C6N8#V4T 6.8 nH ±5% ±10% 8 100 MHz 4500 MHz 0.30 Ω 300 mA L-14C8N2#V4T 8.2 nH ±5% ±10% 8 100 MHz 3800 MHz 0.33 Ω 300 mA L-14C10N#V4T 10.0 nH ±5% ±10% 8 100 MHz 3700 MHz 0.35 Ω 300 mA L-14C12N#V4T 12.0 nH ±5% ±10% 8 100 MHz 3200 MHz 0.40 Ω 300 mA L-14C15N#V4T 15.0 nH ±5% ±10% 8 100 MHz 2900 MHz 0.45 Ω 300 mA L-14C18N#V4T 18.0 nH ±5% ±10% 10 100 MHz 2100 MHz 0.50 Ω 300 mA L-14C22N#V4T 22.0 nH ±5% ±10% 10 100 MHz 2100 MHz 0.55 Ω 300 mA L-14C27N#V4T 27.0 nH ±5% ±10% 10 100 MHz 2000 MHz 0.60 Ω 300 mA L-14C33N#V4T 33.0 nH ±5% ±10% 10 100 MHz 1600 MHz 0.65 Ω 300 mA L-14C39N#V4T 39.0 nH ±5% ±10% 10 100 MHz 1500 MHz 0.70 Ω 300 mA L-14C47N#V4T 47.0 nH ±5% ±10% 12 100 MHz 1200 MHz 0.90 Ω 300 mA @ = Choice of S or K Tolerance, # = J or K Tolerance |
同様の部品番号 - L-05C2N2SV4T |
|
同様の説明 - L-05C2N2SV4T |