データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4935 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM4935
部品情報  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935 データシート(HTML) 9 Page - Texas Instruments

Back Button LM4935_14 Datasheet HTML 5Page - Texas Instruments LM4935_14 Datasheet HTML 6Page - Texas Instruments LM4935_14 Datasheet HTML 7Page - Texas Instruments LM4935_14 Datasheet HTML 8Page - Texas Instruments LM4935_14 Datasheet HTML 9Page - Texas Instruments LM4935_14 Datasheet HTML 10Page - Texas Instruments LM4935_14 Datasheet HTML 11Page - Texas Instruments LM4935_14 Datasheet HTML 12Page - Texas Instruments LM4935_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
3.3
Electrical Characteristics
(1) (2) (3)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2-2 unless otherwise stated. Limits apply for 25°C.
LM4935
Symbol
Parameter
Conditions
Units
Typical(4)
Limit(5)
DC CURRENT CONSUMPTION
Chip Mode '00', fMCLK = 13MHz
0.7
µA
DISD
Digital Shutdown Current(6)
Chip Mode '00', fMCLK = 19.2MHz
0.7
5
µA (max)
Chip Mode '01', fMCLK = 13MHz
1.5
mA
DIST
Digital Standby Current
Chip Mode '01', fMCLK = 19.2MHz
2.2
3
mA
(max)
Chip Mode '10', fMCLK = 13MHz,
1.5
mA
DAC, ADC, SAR OFF
Chip Mode '10', fMCLK = 19.2MHz,
2.2
mA
DAC, ADC, SAR OFF
DIDD
Digital Active Current
Chip Mode '10', fMCLK = 13MHz
11.2
mA
DAC, ADC, SAR ON
Chip Mode '10', fMCLK = 19.2MHz,
mA
16.2
20
DAC, ADC, SAR ON
(max)
AISD
Analog Shutdown Current
Chip Mode '00'
0.2
3
µA (max)
AIST
Analog Standby Current
Chip Mode '01',
0.2
3
µA (max)
No headset inserted
All Outputs OFF, SE MODE
6.1
mA
All Outputs OFF, OCL MODE
5.7
mA
AIDD
Analog Active Current
All Outputs ON, SE MODE
18.3
mA
All Outputs ON, OCL MODE
mA
18.7
28
(max)
fMCLK = 13 MHz
4.2
mA
fPLLOUT = 12 MHz, PLL ON only
PLLIDD
PLL Active Current
fMCLK = 19.2 MHz
6.2
mA
fPLLOUT = 12 MHz, PLL ON only
ADCIDD
fMCLK = 13MHz, ADC ON only
2.5
mA
ADC Active Current
fMCLK = 19.2MHz, ADC ON only
3.6
mA
fMCLK = 13MHz, DAC ON only;
7.4
mA
PLL OFF, fS = 48kHz
DACIDD
DAC Active Current
fMCLK = 19.2MHz, DAC ON only
10.7
mA
PLL OFF; fS = 48kHz
fMCLK = 13MHz, SAR ON only
1.6
mA
SARIDD
SAR Active Current
fMCLK = 19.2MHz, SAR ON only
2.3
mA
LSIDD
Loudspeaker Quiescent Current
LS ON only
8.8
mA
HP ON only, SE MODE
3.5
mA
HPIDD
Headphone Quiescent Current
HP ON only, OCL MODE
3.9
mA
EPIDD
Earpiece Quiescent Current
EP ON only
4.4
mA
AUXIDD
AUXOUT Quiescent Current
AUXOUT ON only
4.8
mA
CPOUTIDD
CPOUT Quiescent Current
CPOUT ON only
4.8
mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits.Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific performance limits. This assumes that the device is within the Operating Ratings.
Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication of device
performance.
(2)
All voltages are measured with respect to the relevant VSS pin unless otherwise specified. All grounds should be coupled as close as
possible to the device.
(3)
Best operation is achieved by maintaining 3.0V < A_VDD < 5.0 and 3.0V < D_VDD < 3.6V and A_VDD > D_VDD.
(4)
Typical values are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to AOQL (Average Outgoing Quality Level).
(6)
Digital shutdown current is measured with system clock set for PLL output while the PLL is disabled.
Copyright © 2005–2006, Texas Instruments Incorporated
Electric Specifications
9
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL


同様の部品番号 - LM4935_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350 TI-LM49350 Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
logo
National Semiconductor ...
LM49350RL NSC-LM49350RL Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49350RL/NOPB TI-LM49350RL/NOPB Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
LM49350RLEVAL TI-LM49350RLEVAL Datasheet
2Mb / 108P
[Old version datasheet]   LM49350 Boomer짰 Audio Power Amplifier Series High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier & an Ultra Low EMI Class D Loudspeaker Amplifier with Dual I2S/PCM Digital Audio Interfaces
More results

同様の説明 - LM4935_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
   Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com