データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4953 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM4953
部品情報  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953 データシート(HTML) 9 Page - Texas Instruments

Back Button LM4953 Datasheet HTML 5Page - Texas Instruments LM4953 Datasheet HTML 6Page - Texas Instruments LM4953 Datasheet HTML 7Page - Texas Instruments LM4953 Datasheet HTML 8Page - Texas Instruments LM4953 Datasheet HTML 9Page - Texas Instruments LM4953 Datasheet HTML 10Page - Texas Instruments LM4953 Datasheet HTML 11Page - Texas Instruments LM4953 Datasheet HTML 12Page - Texas Instruments LM4953 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION
ELIMINATING THE OUTPUT COUPLING CAPACITOR
The LM4953 features a low noise inverting charge pump that generates an internal negative supply voltage. This
allows the outputs of the LM4953 to be biased about GND instead of a nominal DC voltage, like traditional
headphone amplifiers. Because there is no DC component, the large DC blocking capacitors (typically 220µF)
are not necessary. The coupling capacitors are replaced by two, small ceramic charge pump capacitors, saving
board space and cost.
Eliminating the output coupling capacitors also improves low frequency response. In traditional headphone
amplifiers, the headphone impedance and the output capacitor form a high pass filter that not only blocks the DC
component of the output, but also attenuates low frequencies, impacting the bass response. Because the
LM4953 does not require the output coupling capacitors, the low frequency response of the device is not
degraded by external components.
In addition to eliminating the output coupling capacitors, the ground referenced output nearly doubles the
available dynamic range of the LM4953 when compared to a traditional headphone amplifier operating from the
same supply voltage.
BRIDGE CONFIGURATION EXPLANATION
The Audio Amplifier portion of the LM4953has two internal amplifiers allowing different amplifier configurations.
The first amplifier’s gain is externally configurable, whereas the second amplifier is internally fixed in a unity-gain,
inverting configuration. The closed-loop gain of the first amplifier is set by selecting the ratio of Rf to Ri while the
second amplifier’s gain is fixed by the two internal 20k
Ω resistors. Figure 1 shows that the output of amplifier one
serves as the input to amplifier two. This results in both amplifiers producing signals identical in magnitude, but
out of phase by 180°. Consequently, the differential gain for the Audio Amplifier is
AVD = 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs OUT A and OUT B, an amplifier configuration commonly referred
to as “bridged mode” is established. Bridged mode operation is different from the classic single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration. It provides
differential drive to the load, thus doubling the output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier’s closed-
loop gain without causing excessive clipping, please refer to the Audio Power Amplifier Design section.
The bridge configuration also creates a second advantage over single-ended amplifiers. Since the differential
outputs, OUT A and OUT B, are biased at half-supply, no net DC voltage exists across the load. This eliminates
the need for an output coupling capacitor which is required in a single supply, single-ended amplifier
configuration. Without an output coupling capacitor, the half-supply bias across the load would result in both
increased internal IC power dissipation and also possible loudspeaker damage.
OUTPUT TRANSIENT ('CLICK AND POPS') ELIMINATED
The LM4953 contains advanced circuitry that virtually eliminates output transients ('clicks and pops'). This
circuitry prevents all traces of transients when the supply voltage is first applied or when the part resumes
operation after coming out of shutdown mode.
POWER DISSIPATION
Power dissipation is a major concern when using any power amplifier and must be thoroughly understood to
ensure a successful design. Equation 2 states the maximum power dissipation point for a single-ended amplifier
operating at a given supply voltage and driving a specified output load.
PDMAX = (VDD)
2 / (2π2Z
L)
(2)
Since the LM4953 has two operational amplifiers in one package, the maximum internal power dissipation point
is twice that of the number which results from Equation 2. Even with large internal power dissipation, the LM4953
does not require heat sinking over a large range of ambient temperatures. The maximum power dissipation point
obtained must not be greater than the power dissipation that results from Equation 3:
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4953 LM4953SDBD


同様の部品番号 - LM4953

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Shanghai Leiditech Elec...
LM4953 LEIDITECH-LM4953 Datasheet
1Mb / 5P
   P-ChannelEnhancement Mode Power MOSFET
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

同様の説明 - LM4953

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com