データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB0505XT-1W データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 CB0505XT-1W
部品情報  UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

CB0505XT-1W データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  CB0505XT-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. CB0505XT-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. CB0505XT-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC Converter
CB0505XT-1W
2014.05.16-A/1
Page 1 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage , isolated & unregulated
single output
RoHS
FEATURES
Operating temperature range: -40℃ to +85℃
Isolation voltage: 1K VDC
Miniature SMD package
Internal surface mounted design
International standard pin-out
The production process meet TS16949 system
requirements
CB0505XT-1W is specially designed for applications where an isolated voltage is required in a distributed power supply system. It is suitable
for
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage ≤1000VDC);
3.Where do not has high requirement of line regulation, load regulation and the ripple & noise of the output voltage;
Such as: pure digital circuits, low frequency analog circuits and IGBT power device driving circuits.
Selection Guide
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,
Min./Typ.)
@ Full Load
Max. Capacitive Load
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
CB0505XT-1W
5
(4.5-5.5)
5
200/20
72/76
33
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
5VDC input
--
267/24
--
mA
Surge Voltage (1sec. max.)
5VDC input
-0.7
--
9
VDC
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage change:±1%
5VDC output
--
--
±1.2
--
Load Regulation
10%-100% load
5VDC output
--
12.8
15
%
Ripple *
20MHz bandwidth
--
40
75
mVp-p
Noise*
--
60
100
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit
Protection**
--
--
1
s
Note: * Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.
** Supply voltage must be discontinued at the end of short circuit duration.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
1000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
30
--
pF
Operating Temperature
Derating if the temperature ≥85℃, (see Fig. 2)
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300


同様の部品番号 - CB0505XT-1W

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
CB0505D-1W MORNSUN-CB0505D-1W Datasheet
361Kb / 4P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

同様の説明 - CB0505XT-1W

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
CB0505D-1W MORNSUN-CB0505D-1W Datasheet
361Kb / 4P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
B0503S-3 MORNSUN-B0503S-3 Datasheet
262Kb / 3P
   UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SMU02 MEANWELL-SMU02 Datasheet
57Kb / 1P
   2W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03 Datasheet
54Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPU03 MEANWELL-SPU03_12 Datasheet
184Kb / 1P
   3W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com