データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST60-36P データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 ST60-36P
部品情報  Interface Connectors for Miniature, Portable Terminal Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ST60-36P データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  ST60-36P Datasheet HTML 1Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 2Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 3Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 4Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 5Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 6Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 7Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 8Page - List of Unclassifed Manufacturers ST60-36P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ST Series
Interface Connectors for Miniature, Portable Terminal Devices
60m ø max.
100M ø min.
No flashover or insulation breakdown.
Mating: 29.4N max.
Contact resistance: 50 m ø max.
No electrical discontinuity of 10 μ sec. max.
Contact resistance: 100m ø max.
Contact resistance: 100m ø max.
Insulation resistance: 1000M ø min.
No corrosions
Fully inserted and locked corresponding connector. No
physical damage or electrical failure.
No electrical discontinuity of 10 μ sec. max. Contact
resistance: 100m ø max.
100mA DC
250V DC
350V AC/ one minute
With corresponding connector.
10000 cycles
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
Temperature : -55ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time (Minutes) : -30
+5
+30 ➝ +5
5 cycles
5±1% salt water solution at 35±3ç for 48 hours, after
washing without salt, leave for 24 hours at room temperature
Pull force: 49N max. applied in each of the 3 axis.
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours,
3 axis.
11. Contact resistance
12. Insulation resistance
13. Dielectric withstanding voltage
14. Mating/un-mating forces
15. Durability
(mating/un-mating)
16. Shock
17. Temperature cycle
18. Salt spray
19. Lock strength
10. Shock
Rating
Current rating
0.5A (1 A max. can be carried via 4 random contacts)
Voltage rating
100V AC
Operating temperature range
: -30ç to +80ç
Storage temperature range
: -40ç to +85ç (Note)
■Specifications
■Materials
● Receptacles and cradles
Characteristic
Specification
Conditions
Insulator
Contacts
Shield
Thermoplastic compound, glass reinforced
Copper alloy
Stainless steel
Color: Black
Contact area: Gold plated
Tin alloy plating
UL94V-0
-------------------
-------------------
Component
Material
Finish
Remarks
Note: Includes temperature rise caused by current flow.
● Plugs
Insulator
Contacts
Shield
Cover
Thermoplastic compound, glass reinforced
Copper alloy
Stainless steel
Thermoplastic compound, glass reinforced
Color: Black
Contact area: Gold plated
-------------------
-------------------
UL94V-0
-------------------
-------------------
UL94-HB
Component
Material
Finish
Remarks
■Ordering information
Series name
: ST
Termination type
60
: Right angle SMT
40
: Solder type
80
: Cradle, vertical, SMT
Shield
X
: With shield
Blank
: Without shield
Number of positions
Contact type
P
: Male contact (Receptacle)
S
: Female contact (Plug)
Contact arrangement /4
: Combination, with 4 power contacts
Plug type
CV
: Standard type, for top PCB mount
CVR
: Reverse type, for bottom PCB mount
CV1
: For larger diameter cables
RoHS compliant
: (50), (80)
1
2
3
4
5
6
7
8
-
(50)
/4
P
18
60
ST
1
2
4
5
6
8
● Receptacles
--
(80)
CVR
S
18
X
40
ST
1
2
3
4
5
1
2
3
4
5
7
8
● Plugs
-
(50)
S
18
X
80
ST
● Plug - Cradle type
8
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - ST60-36P

メーカー部品番号データシート部品情報
logo
Hirose Electric
ST60-36P HIROSE-ST60-36P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-36PR HIROSE-ST60-36PR Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

同様の説明 - ST60-36P

メーカー部品番号データシート部品情報
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com