データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP1N105K3 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STP1N105K3
部品情報  N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1N105K3 データシート(HTML) 7 Page - STMicroelectronics

Back Button STP1N105K3 Datasheet HTML 3Page - STMicroelectronics STP1N105K3 Datasheet HTML 4Page - STMicroelectronics STP1N105K3 Datasheet HTML 5Page - STMicroelectronics STP1N105K3 Datasheet HTML 6Page - STMicroelectronics STP1N105K3 Datasheet HTML 7Page - STMicroelectronics STP1N105K3 Datasheet HTML 8Page - STMicroelectronics STP1N105K3 Datasheet HTML 9Page - STMicroelectronics STP1N105K3 Datasheet HTML 10Page - STMicroelectronics STP1N105K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STF1N105K3, STFW1N105K3, STP1N105K3
Electrical characteristics
Doc ID 023509 Rev 2
7/18
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Static drain-source on-resistance
Figure 10.
Capacitance variations
Figure 11.
Output capacitance stored energy
Figure 12.
Normalized gate threshold voltage
vs temperature
Figure 13.
Normalized on-resistance vs
temperature


同様の部品番号 - STP1N105K3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP1N120 STMICROELECTRONICS-STP1N120 Datasheet
136Kb / 10P
   channel 1200V - 30廓 - 500mA - TO-220 Zener - protected SuperMESH??Power MOSFET
More results

同様の説明 - STP1N105K3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com