データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP100N10F7 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STP100N10F7
部品情報  N-channel 100 V, 0.0068typ., 80 A, STripFET??VII DeepGATE??Power MOSFET in D2PAK, DPAK, TO-220FP and TO-220
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100N10F7 データシート(HTML) 6 Page - STMicroelectronics

Back Button STP100N10F7 Datasheet HTML 2Page - STMicroelectronics STP100N10F7 Datasheet HTML 3Page - STMicroelectronics STP100N10F7 Datasheet HTML 4Page - STMicroelectronics STP100N10F7 Datasheet HTML 5Page - STMicroelectronics STP100N10F7 Datasheet HTML 6Page - STMicroelectronics STP100N10F7 Datasheet HTML 7Page - STMicroelectronics STP100N10F7 Datasheet HTML 8Page - STMicroelectronics STP100N10F7 Datasheet HTML 9Page - STMicroelectronics STP100N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STB100N10F7, STD100N10F7, STF100N10F7, STP100N10F7
6/23
DocID023737 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK
Figure 3. Thermal impedance for DPAK
ID
100
10
1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
0.1
AM15754v1
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
ID
100
10
1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
0.1
AM15755v1
Figure 6. Safe operating area for D2PAK and
TO-220
Figure 7. Thermal impedance for D2PAK and
TO-220
ID
100
10
1
0.1
1
100
VDS(V)
10
(A)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
0.1
AM15756v1
Single pulse
0.05
0.02
0.01
δ=0.5
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-1
10
-5
10
-2
10
-1
AM15761v1


同様の部品番号 - STP100N10F7

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STP100N10F7 ISC-STP100N10F7 Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP100N10F7 DOINGTER-STP100N10F7 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STP100N10F7 STMICROELECTRONICS-STP100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
More results

同様の説明 - STP100N10F7

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF110N10F7 STMICROELECTRONICS-STF110N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 5.1 m廓 typ., 110 A, STripFET??VII DeepGATE?? Power MOSFETs in TO-220FP and TO-220 packages
July 2013 Rev 2
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
   N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP45N10F7 STMICROELECTRONICS-STP45N10F7 Datasheet
1Mb / 19P
   N-channel 100 V, 0.0145 typ., 45 A, STripFET VII DeepGATE Power MOSFETs in DPAK, I2PAK and TO-220 packages
October 2013 Rev 1
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
   N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
January 2009
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com