データシートサーチシステム |
|
D050505S-2W データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd. |
|
D050505S-2W データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd. |
1 / 2 page The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice. D_S-2W A/4-2012 Page 1 of 2 D_S-2W Series 2W, FIXED INPUT ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER RoHS FEATURES PRODUCT PROGRAM Input Output Voltage (VDC) Current (mA) Part Number Nominal Range Voltage (VDC) Max Min Efficiency (%, Typ) Certificate D050505S-2W 5 200 20 80 UL D050909S-2W 9 111 12 82 UL D051212S-2W 12 83 9 82 UL D051515S-2W 5 4.5-5.5 15 67 7 83 UL D120505S-2W 5 200 20 80 UL D120909S-2W 9 111 12 83 UL D121212S-2W 12 83 9 85 UL D121515S-2W 12 10.8-13.2 15 67 7 83 UL D240505S-2W 5 200 20 81 UL D240909S-2W 9 111 12 82 UL D241212S-2W 12 83 9 84 UL D241515S-2W 24 21.6-26.4 15 67 7 84 UL COMMON SPECIFICATIONS Item Test conditions Min Typ Max Units Storage humidity 95 % Operating temperature -40 85 Storage temperature -55 125 Temp. rise at full load 15 25 Lead temperature 1.5mm from case for 10 seconds 300 °C Short circuit protection* 1 s Cooling Free air convection Case material Plastic (UL94-V0) MTBF 3500 K hours Weight 2.8 g *Supply voltage must be discontinued at the end of short circuit duration. ISOLATION SPECIFICATIONS Item Test conditions Min Typ Max Units Tested for 1 minute and 1mA max(Vin/Vout) 1000 Isolation voltage Tested for 1 minute and 1mA max(Vo1/Vo2) 1000 VDC Test at 500VDC (Vin/Vout) 1000 Isolation resistance Test at 500VDC (Vo1/Vo2) 1000 M Ω (Vin/Vout) 90 Isolation capacitance (Vo1/Vo2) 90 pF High Efficiency up to 85% SIP Package 1KVDC Isolation Temperature Range: -40 °C to +85°C No Heat sink Required No External Component Required Internal SMD Construction Industry Standard Pinout RoHS Compliance APPLICATIONS The D_S-2W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation ≤ ±10%); 2) Where isolation is necessary between input and output (isolation voltage ≤1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits. MODEL SELECTION D050505S-2W Product Series Input Voltage The 1st Output Voltage Package Style Rated Power The 2nd Output Voltage MORNSUN Science & Technology Co.,Ltd. Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China. Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com |
同様の部品番号 - D050505S-2W |
|
同様の説明 - D050505S-2W |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |