データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E0505D-1WR2 データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 E0505D-1WR2
部品情報  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0505D-1WR2 データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0505D-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0505D-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0505D-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0505D-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0505D-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
E_D-1WR2 & F_D-1WR2 series
2014.02.20-A/0
Page 1 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage, isolated & unregulated
dual/single output
Patent Protection RoHS
FEATURES
l
DIP package
l
Efficiency up to 81%
l
Operating temperature range: -40℃ to +105℃
l
Isolation voltage: 3KVDC
l
Continuous short circuit protection
l
No external component required
l
International standard pin-out
E_D-1WR2 & F_D-1WR2 series is specially designed for applications where an isolated voltage is required in a distributed power supply
system. It is suitable for:
1.Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.Where isolation is necessary between input and output (isolation voltage 3000VDC);
3.Where do not has high requirement of line regulation and load regulation;
4.Such as: pure digital circuits, low frequency analog circuits, relay-driven circuits and data switching circuits.
Selection Guide
Part No.
Input Voltage
(VDC)
Output
Efficiency (%,
Min./Typ.)
@ Full Load
Max. Capacitive
Load*
(µF)
Output Voltage
(VDC)
Output Current (mA)
(Max./Min.)
F0303D-1WR2
2.97-3.63
(3.3VDC nominal)
3.3
303/31
69/73
220
F0305D-1WR2
5
200/20
74/78
E0505D-1WR2
4.5-5.5
(5VDC nominal)
±5
±100/±10
75/79
100
E0512D-1WR2
±12
±42/±5
76/80
E0515D-1WR2
±15
±34/±4
77/81
E0524D-1WR2
±24
±21/±3
77/81
F0503D-1WR2
3.3
303/31
71/75
220
F0505D-1WR2
5
200/20
76/80
F0512D-1WR2
12
83/9
76/80
F0515D-1WR2
15
67/7
77/81
F0524D-1WR2
24
42/5
77/81
E1205D-1WR2
10.8-13.2
(12VDC nominal)
±5
±100/±10
76/80
100
E1212D-1WR2
±12
±42/±5
76/80
E1215D-1WR2
±15
±34/±4
77/81
E1224D-1WR2
±24
±21/±3
77/81
F1203D-1WR2
3.3
303/31
71/75
220
F1205D-1WR2
5
200/20
76/80
F1212D-1WR2
12
83/9
76/80
F1215D-1WR2
15
67/7
77/81
F1224D-1WR2
24
42/5
77/81
E1505D-1WR2
13.5-16.5
(15VDC nominal)
±5
±100/±10
76/80
100
E1515D-1WR2
±15
±34/±4
77/81
F1505D-1WR2
5
200/20
76/80
220
F1515D-1WR2
15
67/7
77/81
E2405D-1WR2
21.6-26.4
(24VDC nominal)
±5
±100/±10
75/79
100
E2412D-1WR2
±12
±42/±5
77/81
E2415D-1WR2
±15
±34/±4
77/81
E2424D-1WR2
±24
±21/±3
77/81


同様の部品番号 - E0505D-1WR2

メーカー部品番号データシート部品情報
logo
Guangzhou Reicu Electro...
E0505D-1WR2 REICU-E0505D-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results

同様の説明 - E0505D-1WR2

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com