データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-05B12KC データシート(PDF) 4 Page - MORNSUN Science& Technology Ltd.

部品番号 LS03-05B12KC
部品情報  3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B12KC データシート(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS03-05B12KC Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B12KC Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BXXKC
A/3-2012
Page 4 of 4
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
1
7
3
10
12
CAP
-Vin(N)
- Vo
+ Vo
+Vin( L)
13
7
10 12
∅1.00[0.039]
13
7
1 0 12
1.30[0.051]
0.50[0.020]
Max38.50[1.516]
27.94[1.100]
22.86
[0.900]
5.08[0.200]
12.70[0.500]
Pin
Fu nct ion
FOOTPR IN T D ETAI LS
N ote:
U nit : mm[ inch]
Pin sectio n to le ran ce s:
Gen era l to leran ces:
±0.50mm[ ±0.020inch]
±0.10mm[±0.004inch]
Small white box dimensions: L*W*H=163*150*35mm
Package quantity: 10pcs
inner packaging box dimensions: L*W*H=430*175*160mm
Package quantity: 100pcs
Outer packaging box dimensions: L*W*H=560*450*520mm
Package quantity:900pcs
MECHANICAL DIMENSIONS & RECOMMENDED FOOTPRINT
PACKAGING DIAGRAM
No te: grid
mm
2 .54 *2 .54
SI P Packa ge
(
)
Fron t View
(
)
Bot tom View
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


同様の部品番号 - LS03-05B12KC

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-05B12K MORNSUN-LS03-05B12K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results

同様の説明 - LS03-05B12KC

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com