データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS03-05B24SC データシート(PDF) 2 Page - MORNSUN Science& Technology Ltd.

部品番号 LS03-05B24SC
部品情報  3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B24SC データシート(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS03-05B24SC Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B24SC Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B24SC Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B24SC Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05BXXSC
A/1-2012
Page 2 of 4
Humidity
85%(max.)
Temperature coefficient
0.02%/
°C
Switching frequency
100KHz(max.)
frequency conversion
I/O-isolation voltage
2000VAC/1Min
1.1s and 550ms (3.3V、5V、9V、12V、15V)
Start delay time
1.3s and 650ms (24V)
115V and 230V
CE
CISPR22/EN55022
CLASS B(with typical applications Figure 3)
EMI
RE
CISPR22/EN55022
CLASS B(with typical applications Figure 3)
ESD
IEC/EN61000-4-2
Contact
±2KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(without external circuit)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(with typical applications Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV/±4KV
(with typical applications Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage dips、short and interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
Case material
UL94V-0
Install
PCB
MTBF
>300,000h @25
°C
Note:
1.
External electrolytic capacitor are required to models when AC input, more details refer to typical applications.
2.
Ripple and Noise were measured by the method of anear measure (more details refer to the anear measure).
3.
All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4.
In this datasheet, all the test methods of indications are based on corporate standards.
ANEAR MEASURE
Copper sheet
Load
Connect Oscillograph Probe
FUSE
L
N
Note: C1: 1
µF (Ceramic capacitor) C2: 10µF (Electrolytic capacitor)
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
Load (%)
100
340
400
100
60
80
70
Vdc
110
240
264
85
Vac
40
1 00
60
80
0
55
85
-25
Lo a d ( %)
Te m p e r a tu re (
)
TYPICAL EFFICIENCY CURVE
LS03-05BXXSC DC input efficiency curve
30
35
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
100
Load(%)
100VDC input
efficiency
200VDC input
efficiency
300VDC input
efficiency
400VDC input
efficiency
LS03-05BXXSC DC input rated load efficiency curve
40
45
50
55
60
65
70
75
80
100
150
200
250
300
350
400
Input voltage(VDC)
LS03-05B03SC
efficiency(100%
load)
LS03-05B05SC
efficiency(100%
load)
LS03-05B09SC
efficiency(100%
load)
LS03-05B12SC
efficiency(100%
load)
LS03-05B15SC
efficiency(100%
load)
LS03-05B24SC
efficiency(100%
load)


同様の部品番号 - LS03-05B24SC

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-05B24S MORNSUN-LS03-05B24S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
More results

同様の説明 - LS03-05B24SC

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LD03-16B03 MORNSUN-LD03-16B03 Datasheet
989Kb / 4P
   3W, AC/DC converter
LS03-15B03SR2S MORNSUN-LS03-15B03SR2S_15 Datasheet
359Kb / 6P
   3W, AC/DC converter
LO03-10B03 MORNSUN-LO03-10B03 Datasheet
556Kb / 4P
   3W, AC-DC converter
LS03-16B03SS MORNSUN-LS03-16B03SS Datasheet
1Mb / 5P
   3W, AC/DC converter
LD03-10B03R2 MORNSUN-LD03-10B03R2_15 Datasheet
328Kb / 5P
   3W, AC-DC converter
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com