データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA230PW データシート(PDF) 5 Page - MORNSUN Science& Technology Ltd.

部品番号 TA230PW
部品情報  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA230PW データシート(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  TA230PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA230PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 5 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions
Note:
1.
Packing information please refer to "Product Packing Information".Packing bag number: 58040010;
2.
Unless otherwise specified, parameter indexes in this datasheet is measured under the conditions of Ta=25 ° C, humidity<75% with
nominal input voltage and rated output load;
3.
All testing methods in this datasheet are based on our Company’s corporate standards;
4.
The parameter indexes above are for the modules listed in this datasheet, for non-standard module's parameter indexes, please
contact our technicians for specific information;
5.
We can provide custom design;
6.
Specifications are subject to change without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


同様の部品番号 - TA230PW

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA2300A TAI-SAW-TA2300A Datasheet
640Kb / 7P
   SAW Filter 427.5 MHz BW 5MHz SMD 3.0X3.0 mm
TA2301A TAI-SAW-TA2301A Datasheet
343Kb / 7P
   SAW Filter 2491.75 MHz
TA2302A TAI-SAW-TA2302A Datasheet
792Kb / 6P
   SAW Filter 1638 MHz
TA2303A TAI-SAW-TA2303A Datasheet
786Kb / 6P
   SAW Filter 1663 MHz
TA2304A TAI-SAW-TA2304A Datasheet
458Kb / 7P
   SAW Filter 1176.45 MHz
More results

同様の説明 - TA230PW

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com