データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC100PI-EX-SP データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 TC100PI-EX-SP
部品情報  Thermocouples Isolation Safety Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC100PI-EX-SP データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TC100PI-EX-SP Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC100PI-EX-SP Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCx00PI-EX
2013.03.22-A/0
Page 1 of 4
Thermocouples Isolation Safety
Barrier
TC100PI-EX-SP (1 input & 1 output)
TC600PI-EX-SP (1 input & 2 output)
—— TCx00PI-EX-SP Series
PART NUMBER SYSTEM
TCxxxPI- EX-SP
Surge protection symbol
Explosion Protection Certificate Symbol
Programmable Symbol
Serial Number
Channel Type
Transducer Type
RS485
FEATURES
● Three-port isolation (input, output and power supply)
● High accuracy (0.1% F.S.)
(Accuracy reduce with the smaller range)
● High linearity (0.1% F.S.)
● Isolation voltage
(Between Hazardous area and safe area: 2.5kVAC)
● Low temperature drift (35PPM/°C)
● Digital bus (RS485)
● Input / Output programmable
● Alarm indications
● High reliability(MTBF>1,000,000 hours)
●Surge protection
GENERAL DESCRIPTION
The thermocouples or mV-level signal from the hazardous field
is picked up by this product,
converted to the standard current
or voltage signal which is isolated with the hazardous area and
transmitted to the control cabinet, PLC, DCS, display etc.. The
product
is
equipped
with
cold
junction
compensation.
Furthermore, it is armed with RS485 digital bus interface, which
makes network configuration and the input or output configuration
possible in many application fields. It is an intelligent safety
barrier, and the type or range of the thermocouples can be set
through the host computer, moreover, cold junction compensation
does work automatically.
One independent power supply is required. Moreover, within
the product power supply, input and output are mutually isolated.
Field devices connected and regions:
J, K, T, E, S, B thermocouple, millivolt signal sensor;
Zone 0, Zone 1, Zone 2, IIA, IIB, IIC, and hazardous area of
T4~T6.
Description
TCx00PI-EX-SP-
Signal Type
Range
Minimum range
R
-40~+1700℃
600℃
S
-40~+1700℃
600℃
K
-150~+1370℃
120℃
J
-80~+900℃
100℃
T
-160~+390℃
100℃
B
320~+1820℃
780℃
E
-80~+700℃
500℃
Input Signal
mV
-60~+60mV
10mV
Current
4~20mA
Output Signal
Current
0~20mA
ELECTRICAL CHARACTERISTICS
Power Supply
18~36VDC (Typ: 24VDC)
Power Consumption
About 2.0W
Power Supply
Parameter
Power Protection
Reverse protection
Input Signal
See product overview
Compensation range: -25 ~ +75
°C
(Every 20
°C error of 1°C)
Hazardous Area
Cold junction Compensation
Compensation mode: Internal compensation


同様の部品番号 - TC100PI-EX-SP

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
More results

同様の説明 - TC100PI-EX-SP

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PW-EX MORNSUN-TC100PW-EX Datasheet
684Kb / 4P
   PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
   THERMOCOUPLES
December 1968
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
RHOPOINT COMPONENTS
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
   ?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com