データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD301D232H データシート(PDF) 1 Page - MORNSUN Science& Technology Ltd.

部品番号 TD301D232H
部品情報  SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301D232H データシート(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD301D232H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301D232H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301D232H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx01D232H
2013.3.21-A/0
Page 1 of 3
SINGLE HIGH SPEED RS232
ISOLATION TRANSCEIVER
——TD301D232H(3.3V Power supply)
TD501D232H(5.0V Power supply)
RoHS
PART NUMBER SYSTEM
TD5 01D 232H
Port signal type
Package type
Channel number
Power distribution output
Power input
Digital bus product type
Speed
FEATURES
l Meet EIA/TIA-232-F standard
l Baud rate high up to115200bps
l 2500VDC isolation input and output
l Integrated high efficiency isolated DC/DC
converter
l Operating temperature range:-40℃~+85℃
l ESD protection, perfect EMC recommend
circuit
GENERAL DESCRIPTION
High
speed
232
isolation
transceiver
TD301D232H/
TD501D232H series are
RS485
transceiver
module with
integrated isolation power, Signal isolation chip and RS232
transceiver chip.
Product's main function is to convert logic level to 232
protocols level, achieve signal isolation. The product is with
constant-voltage source isolation power. It can achieve 2500
VDC electrical isolation. Products can be easily embedded in
the user equipment,achieve function of 232 protocols network
connection easily.
SELECTION GUIDE
Model
Power Input
TD301D232H
3.0V~3.6V
TD501D232H
4.5V~5.5V
ELECTRICAL CHARACTERISTICS
Static current
TD301D232H
≤50mA
TD501D232H
≤35mA
Input Parameters
Of Power Supply
Power dissipation
≤0.25W
Serial interface
Compatible with the UART control port of +5V and +3.3V
Input Parameters
Pin current
ITXD≤2mA;IRXD≤2mA
Output Parameters
Protocols interface
RS-232 interface
TRANSMISSION SPECIFICATIONS
Data Rate
115.2Kbps (max.)
Data delay
100
μs(max.)
ISOLATION SPECIFICATIONS
Electrical Isolation
Two-port isolation (input and output)
Isolation Voltage
2500VDC(Tested for 1 minute and leakage current < 5mA,humidity < 95%)
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS A
(External Circuit Refer to Figure 1-①)
EMI
RE
CISPR22/EN55022
CLASS A
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
Power Port
±2KV
(External Circuit Refer to Figure 1-①)
perf. Criteria B
EFT
IEC/EN61000-4-4
Signal Port
±1KV
(External Circuit Refer to Figure 1-②)
perf. Criteria B
IEC/EN61000-4-5
Power Port
±1KV/2KV
(External Circuit Refer to Figure 1-①)
perf. Criteria B
Surge
IEC/EN61000-4-5
Signal Port
±4KV/6KV
(External Circuit Refer to Figure 1-②)
perf. Criteria B
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A


同様の部品番号 - TD301D232H

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485 MORNSUN-TD301D485 Datasheet
877Kb / 4P
   Isolation transceiver module
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
253Kb / 4P
   Industrial Bus
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results

同様の説明 - TD301D232H

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TD302D232H MORNSUN-TD302D232H Datasheet
537Kb / 3P
   DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com