データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EKB-UCOS3-EVM データシート(PDF) 1 Page - Texas Instruments

部品番号 EKB-UCOS3-EVM
部品情報  Evaluation board with robotic capabilities
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

EKB-UCOS3-EVM データシート(HTML) 1 Page - Texas Instruments

  EKB-UCOS3-EVM Datasheet HTML 1Page - Texas Instruments EKB-UCOS3-EVM Datasheet HTML 2Page - Texas Instruments EKB-UCOS3-EVM Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Texas Instruments • 108 Wild Basin, Suite 350 • Austin, TX 78746
http://www.ti.com/stellaris
Copyright © 2010 Texas Instruments, Inc. All rights reserved. Stellaris and StellarisWare are
registered trademarks of Texas Instruments. ARM and Thumb are registered trademarks, and
Cortex is a trademark of ARM Limited. Other names and brands may be claimed as the
property of others.
PB-EKB-UCOS3-EVM-00
September 1, 2010
The Stellaris® Robotic Evaluation Board (EVALBOT)
is a robotic evaluation platform for the Stellaris
LM3S9B92 microcontroller. The board also uses a
range of Texas Instruments’ analog components for
motor drive, power supply, and communications
functions. After a few minutes of assembly, the
EVALBOT’s electronics are ready-to-run.
When roaming, three AA batteries supply power to
the EVALBOT. The EVALBOT automatically selects
USB power when tethered to a PC as a USB device
or when debugging. Test points are provided to all
key EVALBOT signals. Two 20-pin headers enable
future wireless communications using standardized
Texas Instruments’ low-power embedded radio
modules (EM boards). Additional microcontroller
signals are available on break-out pads arranged in
rows adjacent to the microcontroller.
The EVALBOT has factory-installed quickstart
software resident in on-chip Flash memory. For
software debugging and Flash programming, an
integrated In-Circuit Debug Interface (ICDI) requires
only a single USB cable for debug and serial port
functions.
The EVALBOT is available with a Stellaris-specific
version of µC/OS-III: The Real-Time Kernel by Jean
J. Labrosse. This book reveals how a real-time
kernel works using Micrium’s µC/OS-III and the
Stellaris EVALBOT as references. In addition, the
board is also available separately for those who
already have the book.
Features
The evaluation kit provides a hands-on mini robotic
platform for learning and using the µC/OS-III
real-time kernel. The evaluation kit includes the
following features:
Evaluation board with robotic capabilities
Mechanical components assembled by user
Stellaris® LM3S9B92 microcontroller
MicroSD card connector
I2S audio codec with speaker
USB Host and Device connectors
RJ45 Ethernet connector
Bright 96 x 16 blue OLED display
On-board In-Circuit Debug Interface (ICDI)
Battery power (3 AA batteries) or power through
USB
Wireless communication expansion port
Robot features
– Two DC gear-motors provide drive and steering
– Opto-sensors detect wheel rotation with 45°
resolution
– Sensors for "bump" detection
Ordering Information
For more information:
www.ti.com/evalbot
www.Micrium.com/Books/Micrium-uCOS-III
Product
Number
Description
EKB-UCOS3-BNDL
Stellaris® Robotic Evaluation Board with
Micrium’s µC/OS-III: The Real-Time Kernel
by Jean J. Labrosse (board and book)
EKB-UCOS3-EVM Stellaris® Robotic Evaluation Board for use
with Micrium’s µC/OS-III (board only)
EKB-UCOS3-BOOK Micrium’s µC/OS-III: The Real-Time Kernel
by Jean J. Labrosse (book only)
Stellaris® LM3S9B92 Robotic
Evaluation Board


同様の部品番号 - EKB-UCOS3-EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
EKB-UCOS3-EVM TI-EKB-UCOS3-EVM Datasheet
103Kb / 2P
[Old version datasheet]   Stellaris짰 LM3S9B92 Robotic Evaluation Board
More results

同様の説明 - EKB-UCOS3-EVM

メーカー部品番号データシート部品情報
logo
Texas Instruments
EKB-UCOS3-BNDL TI-EKB-UCOS3-BNDL Datasheet
103Kb / 2P
[Old version datasheet]   Stellaris짰 LM3S9B92 Robotic Evaluation Board
logo
STMicroelectronics
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
   Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
   Evaluation board with STM32F446ZE MCU
October 2015 Rev 3
logo
AverLogic Technologies ...
AL460A-EVB-A0 AVERLOGIC-AL460A-EVB-A0 Datasheet
281Kb / 10P
   Evaluation Board with HSMC Adaptor
logo
STMicroelectronics
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
   Evaluation board with STM32F091VC MCU
June 2016 Rev 3
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
   Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
   Evaluation board with STM32L552ZE MCU
March 2020
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
   Evaluation board with STM32F756NG MCU
April 2015 Rev 1
STM32F779I-EVAL STMICROELECTRONICS-STM32F779I-EVAL Datasheet
311Kb / 4P
   Evaluation board with STM32F779NI MCU
April 2016 Rev 1
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
   Evaluation board with STM32F769NI MCU
April 2016 Rev 1
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com