データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMX058P101 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 FMX058P101
部品情報  Code for Special Contacts
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

FMX058P101 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FMX058P101 Datasheet HTML 3Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 4Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 5Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 6Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 7Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 8Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 9Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 10Page - List of Unclassifed Manufacturers FMX058P101 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN - MAßE IN MILLIMETER (INCHES IN KLAMMERN)
32
ML 12/2008
Order Number
Ø A
Ø B
Ø C
Ø D
E
F
G
H
J
K
L
Bestellnummer
max.
max.
max.
max.
0,85
1,9
2,3
3,2
9,5
5,0
3,0
8,00
19,3
19,8
18,5
(0.033) (0.075) (0.091) (0.126) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.728)
0,85
1,2
1,4
2,3
9,5
5,0
3,0
8,00
19,3
19,8
18,5
(0.033) (0.047) (0.055) (0.091) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.728)
0,85
1,9
2,7
3,2
9,5
5,0
3,0
8,00
19,3
19,8
19,5
(0.033) (0.075) (0.106) (0.126) (0.374) (0.197) (0.118) (0.315) (0.760) (0.780) (0.768)
FMX029...
FMX031...
FMX032...
Order Number
Plug
Bestellnummer
Stecker
FMX029P102
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
174U,
FMX029S102
FMX029P101
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
188AU, 316U
FMX029S101
FMX029P202
standard
AuroPur
AuroPur
AuroPur
0,2 µm Au
174U,
FMX029S202
FMX029P201
low cost
AuroPur
AuroPur
AuroPur
5 µm Sn
188AU, 316U
FMX029S201
FMX031P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
178BU,
FMX031S102*
FMX031P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
196AU, 404U
FMX031S101*
FMX032P102*
standard
1,3 µm Au
0,8 µm Au
1,3 µm Au
0,2 µm Au
316U double braided
FMX032S102*
FMX032P101*
low cost
0,2 µm Au
0,2 µm Au
0,2 µm Au
5 µm Sn
doppelt geschirmt
FMX032S101*
Other platings on request / Andere Oberflächen auf Anfrage
8 microinches = 0,2 µm
50 microinches = 1,3 µm
Tools from page 94 onwards / Werkzeuge ab Seite 94 ff.
30 microinches = 0,8 µm
200 microinches = 5 µm
* Turned crimp ferrule with inspection hole, please see illustration on page 31.
* Gedrehte Crimphülse mit Inspektionsbohrung, siehe Darstellung auf Seite 31.
Type
Ausführung
Innenleiter
Inner Conductor
Außenleiter
Innenleiter
Außenleiter
Verwendbare Kabel
RG-
Bestellnummer
Steckdose
Outer Conductor
Suitable Cables
RG-
Outer Conductor
Inner Conductor
Platings / Oberflächen
Steckbereich
Mating Area
Anschlussbereich
Termination Area
Order Number
Receptacles
Inner Conductor
Outer Conductor
Innenleiter
Außenleiter
Solder termination
Crimp or solder termination
Löten
Crimpen oder Löten
FMX Coaxial Contacts, 50 Ohm, Right Angled Cable Termination
FMX Koaxialkontakte, 50 Ohm, abgewinkelter Kabelanschluss
Dimensions
Abmessungen


同様の部品番号 - FMX058P101

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-10D GULFSEMI-FMX-10D Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
logo
Sanken electric
FMX-1106S SANKEN-FMX-1106S Datasheet
147Kb / 4P
   Silicon Diode
FMX-12S SANKEN-FMX-12S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMX-12S SANKEN-FMX-12S Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
More results

同様の説明 - FMX058P101

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTE-2871 LITEON-LTE-2871 Datasheet
87Kb / 3P
   SPECIAL FOR HIGH INTENSITY
logo
List of Unclassifed Man...
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
logo
QX Micro Devices Co.,Lt...
QX5237 QXMD-QX5237 Datasheet
138Kb / 2P
   Special driver for LED flashlight
logo
Unisonic Technologies
ULC6002 UTC-ULC6002 Datasheet
123Kb / 3P
   SPECIAL DRIVE FOR LED FLASHLIGHT
logo
Figaro Engineering Inc.
TGS821 FIGARO-TGS821 Datasheet
100Kb / 2P
   Special Sensor for Hydrogen Gas
logo
Kwang Myoung I.S. CO.,L...
2CLG10 KISEMICONDUCTOR-2CLG10_25 Datasheet
60Kb / 1P
   High Voltage Diodes for Special Using
logo
Lite-On Technology Corp...
LTST-S220YKT LITEON-LTST-S220YKT Datasheet
299Kb / 6P
   Side looking special for LCD backlight
LTST-S320UBKT LITEON-LTST-S320UBKT Datasheet
309Kb / 6P
   Side looking special for LCD backlight
logo
List of Unclassifed Man...
SJ2025 ETC-SJ2025 Datasheet
207Kb / 5P
   Special amplifier circuit for multimedia speakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com