データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-LX1D2 データシート(PDF) 7 Page - MORNSUN Science& Technology Ltd.

部品番号 FC-LX1D2
部品情報  EMC Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MORNSUN [MORNSUN Science& Technology Ltd.]
ホームページ  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-LX1D2 データシート(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  FC-LX1D2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. FC-LX1D2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EMC Filter
FC-LX1D & FC-LX1D2 Series
2014.02.18-A/2
Page 7 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
FC-LX1D2A4S Dimensions
Note:
1. Packing Information please refer to 'Product Packing Information'. The Packing bag number of Horizontal package : 58220014
(FC-LX1D)/58220005(FC-LX1D2), the Packing bag number of A2S/ A4S package:58220022;
2. Unless otherwise specified, data in this data sheet should be tested under the conditions of Ta=25°C, humidity<75%;
3. All index testing methods in this datasheet are based on our Company’s corporate standards;
4. The performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products
will exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


同様の部品番号 - FC-LX1D2

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
FC-LX1D2 MORNSUN-FC-LX1D2 Datasheet
2Mb / 8P
   EMC Filter
More results

同様の説明 - FC-LX1D2

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
   EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
FC-B02D MORNSUN-FC-B02D Datasheet
1Mb / 4P
   EMC Filter
FC-LX1D2 MORNSUN-FC-LX1D2 Datasheet
2Mb / 8P
   EMC Filter
FC-L01D MORNSUN-FC-L01D Datasheet
350Kb / 5P
   EMC Filter
FC-L01DV1 MORNSUN-FC-L01DV1 Datasheet
193Kb / 3P
   EMC Filter
FI-B03D MORNSUN-FI-B03D Datasheet
277Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com