データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3100MH データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3100MH
部品情報  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3100MH データシート(HTML) 10 Page - Texas Instruments

Back Button LM3100MH Datasheet HTML 6Page - Texas Instruments LM3100MH Datasheet HTML 7Page - Texas Instruments LM3100MH Datasheet HTML 8Page - Texas Instruments LM3100MH Datasheet HTML 9Page - Texas Instruments LM3100MH Datasheet HTML 10Page - Texas Instruments LM3100MH Datasheet HTML 11Page - Texas Instruments LM3100MH Datasheet HTML 12Page - Texas Instruments LM3100MH Datasheet HTML 13Page - Texas Instruments LM3100MH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ICL
IPK
'I
IOCL
IOUT
Load Current
Increases
Normal Operation
Current Limited
'I =
(VIN - VOUT) x tON
L
LM3100
STOP
RUN
VIN
VIN
EN
LM3100
SNVS421F – JANUARY 2006 – REVISED DECEMBER 2009
www.ti.com
Figure 2. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the re-circulating current through the low-side
synchronous switch. Referring to Functional Block Diagram, when the buck switch is turned off, inductor current
flows through the load, into PGND, and through the internal low-side synchronous switch. If that current exceeds
1.9A the current limit comparator toggles, forcing a delay to the start of the next on-time period. The next cycle
starts when the re-circulating current falls back below 1.9A and the voltage at FB is below 0.8V. The inductor
current is monitored during the low-side switch on-time. As long as the overload condition persists and the
inductor current exceeds 1.9A, the high-side switch will remain inhibited. The operating frequency is lower during
an over-current due to longer than normal off-times.
Figure 3 illustrates an inductor current waveform, the average inductor current is equal to the output current, IOUT
in steady state. When an overload occurs, the inductor current will increase until it exceeds the current limit
threshold, 1.9A. Then the control keeps the high-side switch off until the inductor current ramps down below
1.9A. Within each on-time period, the current ramps up an amount equal to:
(6)
During this time the LM3100 is in a constant current mode, with an average load current (IOCL) equal to 1.9A
+
ΔI/2.
Figure 3. Inductor Current - Current Limit Operation
N-Channel Buck Switch and Driver
The LM3100 integrates an N-Channel buck (high-side) switch and associated floating high voltage gate driver.
The gate drive circuit works in conjunction with an external bootstrap capacitor and an internal high voltage
diode. A 33 nF capacitor (CBST) connected between BST and SW pins provides voltage to the high-side driver
during the buck switch on-time. During each off-time, the SW pin falls to approximately -1V and CBST charges
from the VCC supply through the internal diode. The minimum off-time of 260ns ensures adequate time each
cycle to recharge the bootstrap capacitor.
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LM3100


同様の部品番号 - LM3100MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3100MH NSC-LM3100MH Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

同様の説明 - LM3100MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com