データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25037-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25037-Q1
部品情報  Dual-Mode PWM Controller With Alternating Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037-Q1 データシート(HTML) 3 Page - Texas Instruments

  LM25037-Q1 Datasheet HTML 1Page - Texas Instruments LM25037-Q1 Datasheet HTML 2Page - Texas Instruments LM25037-Q1 Datasheet HTML 3Page - Texas Instruments LM25037-Q1 Datasheet HTML 4Page - Texas Instruments LM25037-Q1 Datasheet HTML 5Page - Texas Instruments LM25037-Q1 Datasheet HTML 6Page - Texas Instruments LM25037-Q1 Datasheet HTML 7Page - Texas Instruments LM25037-Q1 Datasheet HTML 8Page - Texas Instruments LM25037-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM25037, LM25037-Q1
www.ti.com
SNVS572C – JULY 2008 – REVISED JANUARY 2010
PIN DESCRIPTIONS (continued)
Pin
Name
Description
Application Information
16
VIN
Input voltage source
Input to the VCC Start-up regulator. Operating input range is 5.5V to 75V. For
power sources outside of this range, the LM25037 can be biased directly at
VCC by an external regulator.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 76V
VCC, RAMP , OUTA, OUTB to GND
-0.3V to 16V
CS to GND
-0.3V to 1.0V
UVLO, FB, RT2, RT1, SS, REF to GND
-0.3V to 7V
COMP, RES(3)
ESD Rating(4)
Human Body Model
2kV
Storage Temperature Range
−65°C to + 150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
COMP, RES are output pins. As such, it is not recommended that external power sources be connected to these pins.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. 2kV for all pins.
Operating Ratings
VIN Voltage
5.5V to 75V
External Voltage Applied to VCC
8V to 14V
Operation Junction Temperature
−40°C to + 125°C
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full operating junction
temperature range of
−40°C to + 125°C. VVIN = 12V, VVCC = 10V, RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3V unless
otherwise stated.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VCC Pin)
VVCC
VCC voltage
IVCC = 10 mA
7.2
7.7
8.1
V
IVCC(Lim)
VCC current limit
VVCC = 7V
20
mA
VVCC(UV)
VCC Under-voltage threshold
4.6
5
5.4
V
Hysteresis
0.5
V
IVIN
Startup regulator current
VVIN = 20V, VUVLO = 0V
35
58
µA
VVIN = 75V, VUVLO = 0V
45
80
µA
Supply current into VCC from
Outputs & COMP open, VVCC = 10V,
4
mA
external source
Outputs switching
Voltage Reference Regulator (REF Pin)
VREF
REF Voltage
IREF = 0 mA
4.75
5
5.15
V
REF Voltage Regulation
IREF = 0 to 2.5 mA
7
25
mV
IREF(Lim)
REF Current Limit
VREF = 4.5V
5
10
mA
VREF Under-Voltage Threshold
3.7
4
4.3
V
(1)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot
and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25037 LM25037-Q1


同様の部品番号 - LM25037-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037MT NSC-LM25037MT Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MT TI1-LM25037MT Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM25037MT/NOPB TI-LM25037MT/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

同様の説明 - LM25037-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_16 Datasheet
2Mb / 37P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com