データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1048MX データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FIN1048MX
部品情報  3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1048MX データシート(HTML) 3 Page - Fairchild Semiconductor

  FIN1048MX Datasheet HTML 1Page - Fairchild Semiconductor FIN1048MX Datasheet HTML 2Page - Fairchild Semiconductor FIN1048MX Datasheet HTML 3Page - Fairchild Semiconductor FIN1048MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1048MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1048MX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 5: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Note 6: fMAX Criteria: Input tR = tF < 1 ns, VID = 300 mV, (1.05V to 1.35V pp), 50% duty cycle; Output duty cycle 40% to 60%, VOL < 0.5V, VOH > 2.4V.
All channels switching in phase.
Note A: All differential input pulses have frequency
= 10MHz, t
R or tF = 1ns
Note B: CL includes all probe and jig capacitances
FIGURE 1. Differential Receiver Voltage Definitions and Propagation Delay and Transition Time Test Circuit
TABLE 1. Receiver Minimum and Maximum Input Threshold Test Voltages
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLH
Propagation Delay LOW-to-HIGH
1.0
2.5
ns
tPHL
Propagation Delay HIGH-to-LOW
1.0
2.5
ns
tTLH
Output Rise Time (20% to 80%)
|VID| = 400 mV, CL = 10 pF,
0.7
1.2
ns
tTHL
Output Fall Time (80% to 20%)
RL = 1kΩ
0.7
1.2
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
See Figure 1 and Figure 2
0.4
ns
tSK(LH)
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 4)
tSK(PP)
Part-to-Part Skew (Note 5)
1.0
ns
fMAX
Maximum Operating Frequency
RL = 1kΩ, CL = 10 pF,
200
375
MHz
(Note 6)
see Figure 1 and Figure 2
tZH
LVTTL Output Enable Time from Z to HIGH
6.0
ns
tZL
LVTTL Output Enable Time from Z to LOW
RL = 1kΩ, CL = 10 pF,
6.0
ns
tHZ
LVTTL Output Disable Time from HIGH to Z
See Figure 3
6.0
ns
tLZ
LVTTL Output Disable Time from LOW to Z
6.0
ns
Applied Voltages (V)
Resulting Differential Input
Resulting Common Mode Input
Voltage (mA)
Voltage (V)
VIA
VIB
VID
VIC
1.25
1.15
100
1.2
1.15
1.25
−100
1.2
2.4
2.3
100
2.35
2.3
2.4
−100
2.35
0.1
0
100
0.05
00.1
−100
0.05
1.5
0.9
600
1.2
0.9
1.5
−600
1.2
2.4
1.8
600
2.1
1.8
2.4
−600
2.1
0.6
0
600
0.3
00.6
−600
0.3


同様の部品番号 - FIN1048MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1048M ONSEMI-FIN1048M Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
FIN1048MTC ONSEMI-FIN1048MTC Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results

同様の説明 - FIN1048MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1047 FAIRCHILD-FIN1047 Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com