データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25575 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM25575
部品情報  SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25575 データシート(HTML) 10 Page - Texas Instruments

Back Button LM25575_14 Datasheet HTML 6Page - Texas Instruments LM25575_14 Datasheet HTML 7Page - Texas Instruments LM25575_14 Datasheet HTML 8Page - Texas Instruments LM25575_14 Datasheet HTML 9Page - Texas Instruments LM25575_14 Datasheet HTML 10Page - Texas Instruments LM25575_14 Datasheet HTML 11Page - Texas Instruments LM25575_14 Datasheet HTML 12Page - Texas Instruments LM25575_14 Datasheet HTML 13Page - Texas Instruments LM25575_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SYNC
10k
S
R
Q
Q
DEADTIME
ONE-SHOT
5V
2.5V
I = f(RT)
SYNC
LM25575
UP TO 5 TOTAL
DEVICES
LM25575
SYNC
SYNC
AGND
LM25575
SW
CLK
SYNC
SW
500 ns
LM25575, LM25575Q
SNVS479F – JANUARY 2007 – REVISED FEBRUARY 2009
www.ti.com
Figure 3. Sync from External Clock
Figure 4. Sync from Multiple Devices
Multiple LM25575 devices can be synchronized together simply by connecting the SYNC pins together. In this
configuration all of the devices will be synchronized to the highest frequency device. The diagram in Figure 5
illustrates the SYNC input/output features of the LM25575. The internal oscillator circuit drives the SYNC pin with
a strong pull-down / weak pull-up inverter. When the SYNC pin is pulled low either by the internal oscillator or an
external clock, the ramp cycle of the oscillator is terminated and a new oscillator cycle begins. Thus, if the SYNC
pins of several LM25575 IC’s are connected together, the IC with the highest internal clock frequency will pull the
connected SYNC pins low first and terminate the oscillator ramp cycles of the other IC’s. The LM25575 with the
highest programmed clock frequency will serve as the master and control the switching frequency of the all the
devices with lower oscillator frequency.
Figure 5. Simplified Oscillator Block Diagram and SYNC I/O Circuit
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM25575 LM25575Q


同様の部品番号 - LM25575_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results

同様の説明 - LM25575_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com