データシートサーチシステム |
|
BU102 データシート(PDF) 1 Page - Savantic, Inc. |
|
BU102 データシート(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BU102 DESCRIPTION ·With TO-3 package ·VCEO(sus)=150V (min) APPLICATIONS ·Designed for horizontal deflection output stage of CTV receivers PINNING(see fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta= ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 400 V VCEO Collector-emitter voltage Open base 150 V VEBO Emitter-base voltage Open collector 6 V IC Collector current 7 A PC Collectorl power dissipation TC=25 100 W Tj Junction temperature 150 Tstg Storage temperature -55~150 Fig.1 simplified outline (TO-3) and symbol |
同様の部品番号 - BU102 |
|
同様の説明 - BU102 |