データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3152 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3152
部品情報  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3152 データシート(HTML) 4 Page - Texas Instruments

  LM3152 Datasheet HTML 1Page - Texas Instruments LM3152 Datasheet HTML 2Page - Texas Instruments LM3152 Datasheet HTML 3Page - Texas Instruments LM3152 Datasheet HTML 4Page - Texas Instruments LM3152 Datasheet HTML 5Page - Texas Instruments LM3152 Datasheet HTML 6Page - Texas Instruments LM3152 Datasheet HTML 7Page - Texas Instruments LM3152 Datasheet HTML 8Page - Texas Instruments LM3152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM3151, LM3152, LM3153
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VIN to GND
-0.3V to 47V
SW to GND
-3V to 47V
BST to SW
-0.3V to 7V
BST to GND
-0.3V to 52V
All Other Inputs to GND
-0.3V to 7V
ESD Rating (3)
2kV
Storage Temperature Range
-65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test Method is per JESD-22-A114.
OPERATING RATINGS
(1)
VIN
6V to 42V
Junction Temperature Range (TJ)
−40°C to + 125°C
EN
0V to 5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
ELECTRICAL CHARACTERISTICS
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 18V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
CVCC = 1 µF, 0 mA to 40 mA
5.65
5.95
6.25
V
IVCC = 2 mA, Vin = 5.5V
40
VIN - VCC
VIN - VCC Dropout Voltage
mV
IVCC = 30 mA, Vin = 5.5V
330
IVCCL
VCC Current Limit
(1)
VCC = 0V
65
100
mA
VCC Under-voltage Lockout threshold
4.75
5.1
5.40
VCCUVLO
VCC Increasing
V
(UVLO)
VCC-UVLO-HYS
VCC UVLO Hysteresis
VCC Decreasing
475
mV
tCC-UVLO-D
VCC UVLO Filter Delay
3
µs
IIN
Input Operating Current
No Switching
3.6
5.2
mA
IIN-SD
Input Operating Current, Device Shutdown VEN = 0V
32
55
µA
GATE Drive
IQ-BST
Boost Pin Leakage
VBST – VSW = 6V
2
nA
RDS-HG-Pull-Up
HG Drive Pull–Up On-Resistance
IHG Source = 200 mA
5
RDS-HG-Pull-Down
HG Drive Pull–Down On-Resistance
IHG Sink = 200 mA
3.4
RDS-LG-Pull-Up
LG Drive Pull–Up On-Resistance
ILG Source = 200 mA
3.4
RDS-LG-Pull-Down
LG Drive Pull–Down On-Resistance
ILG Sink = 200 mA
2
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3151 LM3152 LM3153


同様の部品番号 - LM3152

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3152 NSC-LM3152 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152 TI-LM3152 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MH-3.3 NSC-LM3152MH-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152MH-3.3/NOPB TI1-LM3152MH-3.3/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MHE-3.3 NSC-LM3152MHE-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results

同様の説明 - LM3152

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com