データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066I データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25066I
部品情報  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066I データシート(HTML) 7 Page - Texas Instruments

Back Button LM25066I Datasheet HTML 3Page - Texas Instruments LM25066I Datasheet HTML 4Page - Texas Instruments LM25066I Datasheet HTML 5Page - Texas Instruments LM25066I Datasheet HTML 6Page - Texas Instruments LM25066I Datasheet HTML 7Page - Texas Instruments LM25066I Datasheet HTML 8Page - Texas Instruments LM25066I Datasheet HTML 9Page - Texas Instruments LM25066I Datasheet HTML 10Page - Texas Instruments LM25066I Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
LM25066I, LM25066IA
www.ti.com
SNVS824C – JUNE 2012 – REVISED MARCH 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C unless otherwise stated. Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V. See
(1) and
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Telemetry Accuracy LM25066IA
IINACC
Input Current Accuracy
VIN – SENSE = 25mV, CL = GND
-1
+1
%
TJ = 10°C to 85°C
VIN – SENSE = 25mV, CL = GND
-1.2
+1
VIN – SENSE = 50mV, CL = VDD
-1.8
+1.8
VIN- SENSE= 5mV, CL= GND
-5
+5
TJ = 10°C to 85°C
VACC
VAUX, VIN, VOUT Accuracy
VIN, VOUT = 12V
-1
+1
%
VAUX = 1V
TJ = 10°C to 85°C
VIN, VOUT = 12V
-1
+1.2
VAUX = 1V
PINACC
Input Power Accuracy
VIN = 12V, VIN – SENSE = 25mV,
-2.0
+2.0
%
CL = GND
Telemetry Accuracy LM25066I
IINACC
Input Current Accuracy
VIN – SENSE = 25mV, CL = GND
-2.7
+2.4
%
VIN – SENSE = 25mV, CL = GND
-2.4
+2.4
TJ = 10°C to 85°C
VACC
VAUX, VIN, VOUT Accuracy
VIN, VOUT = 12V
-1.6
+1.4
%
VAUX = 1V
VIN, VOUT = 12V
-1.4
+1.4
VAUX = 1V
TJ = 10°C to 85°C
PINACC
Input Power Accuracy
VIN = 12V, VIN – SENSE = 25mV,
-3.0
+3.0
%
CL = GND
Remote Diode Temperature Sensor
TACC
Temperature Accuracy Using Local
TA = 10°C to 85°C
2
10
°C
Diode
Remote Diode Resolution
9
bits
IDIODE
External Diode Current Source
High level
250
300
µA
Low level
9.4
µA
Diode Current Ratio
26
PMBus Pin Thresholds (SMBA, SDA, SCL)
VIL
Data, Clock Input Low Voltage
0.8
V
VIH
Data, Clock Input High Voltage
2.1
5.5
V
VOL
Data Output Low Voltage
IPULLUP = 4mA
0
0.4
V
ILEAK
Input Leakage Current
SDA, SMBA, SCL = 5V
1
µA
CL
Pin Capacitance
SDA, SCL
5
pF
Configuration Pin Thresholds (CB, CL, RETRY)
VIH
Threshold Voltage
3
V
ILEAK
Input Leakage Current
CL, CB, RETRY = 5V
1
mA
Thermal (3)
θJA
Junction to Ambient
42.3
°C/W
θJC
Junction to Case
9.5
°C/W
(3)
Junction-to-ambient thermal resistance is highly application and board layout dependent. Specified thermal resistance values for the
package specified is based on a 4-layer, 4"x3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25066I LM25066IA


同様の部品番号 - LM25066I

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066I TI1-LM25066I Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
More results

同様の説明 - LM25066I

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com