データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066IA データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25066IA
部品情報  Intel Node Manager Compliant System Power Management and Protection IC with PMBus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066IA データシート(HTML) 4 Page - Texas Instruments

  LM25066IA Datasheet HTML 1Page - Texas Instruments LM25066IA Datasheet HTML 2Page - Texas Instruments LM25066IA Datasheet HTML 3Page - Texas Instruments LM25066IA Datasheet HTML 4Page - Texas Instruments LM25066IA Datasheet HTML 5Page - Texas Instruments LM25066IA Datasheet HTML 6Page - Texas Instruments LM25066IA Datasheet HTML 7Page - Texas Instruments LM25066IA Datasheet HTML 8Page - Texas Instruments LM25066IA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
LM25066I, LM25066IA
SNVS824C – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1)
VIN, SENSE to GND (2)
-0.3V to 24V
GATE, FB, UVLO/EN, OVLO, PGD to GND (2)
-0.3V to 20V
Out to GND
-1 to 20V
SCL, SDA, SMBA, CL, CB, ADR0, ADR1, ADR2, VDD, VAUX, DIODE, RETRY to GND
-0.3V to 6V
VIN to SENSE
-0.3V to +0.3V
ESD Rating, Human Body Model(3)
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional.
(2)
The GATE pin voltage is typically 7.5V above VIN when the LM25066I/A is enabled. Therefore, the Absolute Maximum Rating of 24V for
VIN and SENSE apply only when the LM25066I/A is disabled or for a momentary surge to that voltage since the Absolute Maximum
Rating for the GATE pin is 20V.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
VIN, SENSE, OUT voltage
2.9V to 17V
VDD
2.9V to 5.5V
Junction Temperature
−40°C to +125°C
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +85°C unless otherwise stated. Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12V. See
(1) and
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input (VIN Pin)
IIN-EN
Input Current, enabled
UVLO = 2V and OVLO = 0.7V
5.8
8
mA
POR
Power On Reset threshold at VIN
VIN increasing
2.6
2.8
V
PORHYS
POREN Hysteresis
VIN decreasing
150
mV
VDD Regulator (VDD pin)
VDD
IVDD = 5mA, VIN = 12V
4.3
4.5
4.7
V
IVDD = 5mA, VIN = 4.5V
3.5
3.9
4.3
V
VDDILIM
VDD Current Limit
25
45
mA
UVLO/EN, OVLO Pins
UVLOTH
UVLO threshold
VUVLO Falling
1.147
1.16
1.173
V
UVLOHYS
UVLO hysteresis current
UVLO = 1V
18
23
28
µA
UVLODEL
UVLO delay
Delay to GATE high
8
µs
Delay to GATE low
20
UVLOBIAS
UVLO bias current
UVLO = 3V
1
µA
OVLOTH
OVLO threshold
VOVLO rising
1.141
1.16
1.185
V
OVLOHYS
OVLO hysteresis current
OVLO = 1V
-28
-23
-18
µA
OVLODEL
OVLO delay
Delay to GATE high
19
µs
Delay to GATE low
9
OVLOBIAS
OVLO bias current
OVLO = 1V
1
µA
Power Good (PGD pin)
PGDVOL
Output low voltage
ISINK = 2 mA
25
60
mV
PGDIOH
Off leakage current
VPGD = 17V
1
µA
PGDDELAY
Power Good Delay
VFB to VPG
115
ns
(1)
Current out of a pin is indicated as a negative value.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM25066I LM25066IA


同様の部品番号 - LM25066IA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066IA TI1-LM25066IA Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQ/NOPB TI1-LM25066IAPSQ/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQE/NOPB TI1-LM25066IAPSQE/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066IAPSQX/NOPB TI1-LM25066IAPSQX/NOPB Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
More results

同様の説明 - LM25066IA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
UCD90320U TI1-UCD90320U Datasheet
1Mb / 57P
[Old version datasheet]   32-Rail PMBus Power Sequencer and System Manager
logo
Linear Technology
LTC2974CUP-PBF LINER-LTC2974CUP-PBF Datasheet
1Mb / 98P
   4-Channel PMBus Power System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com