データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ13608 データシート(PDF) 5 Page - Texas Instruments

部品番号 LMZ13608
部品情報  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13608 データシート(HTML) 5 Page - Texas Instruments

  LMZ13608_14 Datasheet HTML 1Page - Texas Instruments LMZ13608_14 Datasheet HTML 2Page - Texas Instruments LMZ13608_14 Datasheet HTML 3Page - Texas Instruments LMZ13608_14 Datasheet HTML 4Page - Texas Instruments LMZ13608_14 Datasheet HTML 5Page - Texas Instruments LMZ13608_14 Datasheet HTML 6Page - Texas Instruments LMZ13608_14 Datasheet HTML 7Page - Texas Instruments LMZ13608_14 Datasheet HTML 8Page - Texas Instruments LMZ13608_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMZ13608
www.ti.com
SNVS710D – MARCH 2011 – REVISED SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: VIN = 12V, VOUT = 3.3V
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS >+ 0.8V
0.775
0.795
0.815
V
IO = 8A
VFB-OV
Feedback over-voltage protection
0.86
V
threshold
IFB
Feedback input bias current
5
nA
IQ
Non Switching Quiescent Current
3
mA
ISD
Shut Down Quiescent Current
VEN = 0V
32
μA
Dmax
Maximum Duty Factor
85
%
Thermal Characteristics
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
θJA
Junction to Ambient (3)
Natural Convection
9.9
°C/W
225 LFPM
6.8
500 LFPM
5.2
θJC
Junction to Case
1.0
°C/W
PERFORMANCE PARAMETERS(4)
ΔVO
Output voltage ripple
BW@ 20 MHz
24
mV PP
ΔVO/ΔVIN
Line regulation
VIN = 12V to 20V, IOUT= 8A
±0.2
%
ΔVO/ΔIOUT
Load regulation
VIN = 12V, IOUT= 0.001A to 8A
1
mV/A
η
Peak efficiency
VIN = 12V VOUT = 3.3V IOUT = 5A
89.5
%
η
Full load efficiency
VIN = 12V VOUT = 3.3V IOUT = 8A
88.5
%
(3)
Theta JA measured on a 3.0” x 3.5” four layer board, with two ounce copper on outer layers and one ounce copper on inner layers, two
hundred and ten 12 mil thermal vias, and 2W power dissipation. Refer to evaluation board application note layout diagrams.
(4)
Refer to BOM in Typical Application Bill of Materials.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ13608


同様の部品番号 - LMZ13608_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
More results

同様の説明 - LMZ13608_14

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com